Electronic Components Datasheet Search
  English  ▼

X  

2BC-AL Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2BC-AL
Description  Double Banana Plug to Alligator Clip Breakouts Cable Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2BC-AL Datasheet(HTML) 1 Page - Pomona Electronics

  2BC-AL Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D1094040 Rev. 101
Page 1 of 1
Model 2BA-AL & 2BC-AL
Double Banana Plug to Alligator Clip Breakouts Cable Assembly
Model 2BA-AL
Double Banana Plug to Alligator Clip
Breakouts Cable Assembly
(Model 2BC-AL: Double Banana Plug, Cable, and
Molded Breakout is in Black)
Ratings
Operating Voltage:
Maximum voltage for hands free use: 150 Vrms
For CE Compliance and for personal safety, do not
hold in hand when voltages exceed 33 Vrms/70 Vdc.
Do no use on circuits where transient stresses can
exceed the rated voltage.
Operating Temperature: +122°F (+50°C) Max.
Current: 5 Amperes
Materials
Double Banana Plug:
Plug Bodies: Brass, Nickel Plated
Springs: Beryllium Copper, Nickel Plated
Insulation: Polypropylene molded to the plug bodies
and cable. Color matches color of cable.
Marking: POMONA ELECTRONICS CO., INC.
POMONA CALIFORNIA
Cable:
2BA: 2 Cond. Twisted Pair, 18 AWG, 65 x 36 t.c.,
.250 (6.4) O.D., Marking: POMONA 2BA-AL-XX,
Color: Gray.
2BC: RG-58C/U, .195 (5.0) O.D., Marking:
POMONA 2BC-AL-XX, Color: Black.
Molded Breakout: PVC Insulated molded to breakout
leads and cable. Color matches color of cable.
Breakout Leads: 20 AWG, 41 x 36 t.c., PVC Insulated,
.087 (2.21) O.D., Color matches color of insulator.
Insulated Alligator Clips:
Body: Steel, Nickel Plated
Insulator: Vinyl. Color: One Black and One Red.
Ordering Information
Model 2B*-AL-XX
* = Cable Type: 2BA: 2 Cond. Twisted Pair
2BC: RG58C/U
XX = Cable Lengths
2BA: Std. Lengths: 36” (91.44cm), 48” (121.92cm)
2BC: Std. Lengths: 36” (91.44cm), 60” (152.4cm)
Ordering Example: 2BA-AL-48, cable is 2 Cond. Twisted
Pair in 48” length.
Additional lengths can be quoted upon request.


Similar Part No. - 2BC-AL

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2BC-24 POMONA-2BC-24 Datasheet
42Kb / 1P
Double Banana Plug Both Ends Cable Assembly
2BC-36 POMONA-2BC-36 Datasheet
42Kb / 1P
Double Banana Plug Both Ends Cable Assembly
2BC-48 POMONA-2BC-48 Datasheet
42Kb / 1P
Double Banana Plug Both Ends Cable Assembly
2BC-60 POMONA-2BC-60 Datasheet
42Kb / 1P
Double Banana Plug Both Ends Cable Assembly
2BC-BNC POMONA-2BC-BNC Datasheet
26Kb / 1P
BNC Male To Multi-Stacking Double Banana Plug
More results

Similar Description - 2BC-AL

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2BC-MG POMONA-2BC-MG Datasheet
71Kb / 1P
Double Banana Plug to Minigator Test Clip Breakouts
1368 POMONA-1368 Datasheet
39Kb / 1P
Double Banana Plug To Single Banana Plug Breakouts
4768 POMONA-4768 Datasheet
26Kb / 1P
Cable Assembly, Double Banana Plug To Micrograbber Breakouts
logo
Pasternack Enterprises,...
PE3164 PASTERNACK-PE3164 Datasheet
116Kb / 1P
CABLE ASSEMBLY RG223/U ALLIGATOR CLIPS TO DOUBLE BANANA PLUG
PE33449 PASTERNACK-PE33449 Datasheet
118Kb / 1P
CABLE ASSEMBLY RG223/U DOUBLE BANANA PLUG TO DOUBLE BANANA PLUG
logo
List of Unclassifed Man...
BU-2030-A-12-0 ETC2-BU-2030-A-12-0 Datasheet
64Kb / 1P
Insulated Alligator Clip to Stackable Banana Plug
logo
Pasternack Enterprises,...
PE3005-24 PASTERNACK-PE3005-24 Datasheet
118Kb / 1P
cable assembly, rg58c/u, double banana plug to double banana plug
PE3005-48 PASTERNACK-PE3005-48 Datasheet
118Kb / 1P
cable assembly, rg58c/u, double banana plug to double banana plug
PE3005-60 PASTERNACK-PE3005-60 Datasheet
118Kb / 1P
cable assembly, rg58c/u, double banana plug to double banana plug
PE3013-24 PASTERNACK-PE3013-24 Datasheet
136Kb / 1P
cable assembly, rg58c/u, double banana plug to double banana plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com