Electronic Components Datasheet Search
  English  ▼

X  

QEN49 Datasheet(PDF) 2 Page - TEMEX

Part # QEN49
Description  Defense ground - Crystal oscillator - XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEN49 Datasheet(HTML) 2 Page - TEMEX

  QEN49 Datasheet HTML 1Page - TEMEX QEN49 Datasheet HTML 2Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
XOHybDIP QEN49/55
Defense ground – Crystal oscillator - XO
General Specification (rev-)
September 12
th , 2005
Fr eq ue ncy
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Features
Case type (s) : DIL package 4 pins (QEN55) or 14pins (QEN49) 20.7 x 13.1 x 5mm typical
Frequency Range : 3.5kHz to 80MHz
Temperature Range : from -40°C to +85°C up to -55°C to +125°C
Overall Frequency Stability vs. Temperature Range and calibration at 25°C and load and power supply
changes : +/-50 to +/-100pm overall
Ageing per year: +/-5ppm at 45°C first year
Output Wave Form : square
Supply Voltage : +5V
Options available : R: duty cycle 50/50; I : enable/disable; J: tristate, T: tinned pins
Benefits
Recommended for embedded applications, extended temperature range, and rugged environment.
View Drawing
Pin out
#1 :NC or Enable/disable or tristate
#7 : GND
#8 :Output frequency
#14 :Power supply



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com