Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TL431
Description  Programmable Output Voltage to 40V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431 Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button TL431 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TL431 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
2008 – Rev. 1.2
- 6 -
HTC
The deviation parameters ΔVREF/ΔT and ΔIREF/ΔT are defined as the differences between the maximum and
minimum values obtained over the recommended temperature range. The average full-range temperature
coefficient of the reference voltage, αVREF, is defined as :
Where :
ΔTA is the recommended operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at
the lower temperature.
Example : Maximum VREF=2496mV at 30 , maximum V
℃
REF=2492mV at 0
, V
℃
REF=2495mV at 25
,
℃
ΔTA=70
for TL431C.
℃
C
ppm
C
mV
mV
a
REF
V
°
≈
°
×
⎟
⎠
⎞
⎜
⎝
⎛
=
23
70
10
2495
4
6
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
Calculating Dynamic Impedance
The dynamic impedance is defined as :
KA
KA
KA
I
V
Z
Δ
Δ
=
When the device is operating with two external resistors, the total dynamic impedance of the circuit is given by :
⎟
⎠
⎞
⎜
⎝
⎛ +
≈
Δ
Δ
=
2
1
1
'
R
R
Z
I
V
Z
KA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com