Electronic Components Datasheet Search
  English  ▼

X  

TL431C Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # TL431C
Description  Programmable Output Voltage to 40V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431C Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button TL431C Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431C Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431C Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431C Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431C Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431C Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431C Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TL431C Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TL431C Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
2008 – Rev. 1.2
- 7 -
HTC
TYPICAL OPERATING CHARACTERISTICS
2.492
2.493
2.494
2.495
2.496
2.497
2.498
2.499
2.500
2.501
0
20
40
60
80
100
120
0
1
2
3
4
5
6
-1
01
23
4
567
8
-0.10
-0.08
-0.05
-0.03
0.00
0.03
0.05
0.08
0.10
0.13
0.15
-2.0
-1.0
0.0
1.0
2.0
3.0
T.B.D
REFERENCE VOLTAGE vs
JUNCTION TEMPERATUR
TJ-Junction Temperature (℃)
t-Time (us)
Input
Output
PULSE RESPONSE
VKA-Cathode Voltage (V)
CATHODE CURRENT vs
CATHODE VOLTAGE
CATHODE CURRENT vs
CATHODE VOLTAGE
-200
0
200
400
600
800
-1.0
0.0
1.0
2.0
3.0
VKA-Cathode Voltage (V)
VKA=VREF
IKA=10mA
TA=25℃
VKA=VREF
TA=25℃
VKA=VREF
TA=25℃
VKA=VREF
IKA=10mA
VREF=2.495V ± 0.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com