Electronic Components Datasheet Search
  English  ▼

X  

3752 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3752
Description  BNC (F) To BNC (M) Miniature Size Aluminum Box With Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3752 Datasheet(HTML) 1 Page - Pomona Electronics

  3752 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90203 (800) 444-6785 or (949) 253-3858
SY/EH/LS
More drawings available at www.pomonaelectronics.com
R:\Release\DataSheet\1_Market_00\D3752_1_01.doc
Page 1 of 1
Model 3752 BNC (F) To BNC (M)
Miniature Size Aluminum Box
With Cover
Sales: 909-469-2900 Fax: 909-629-3317
Technical Assistance: 800-241-2060
MATERIALS:
Connector: BNC (F) to BNC (M)
Body: Tarnish Resistant Plating, Center Contact: Gold Plated Beryllium Copper
Solder Turret Terminal Screws: Steel 4 each #4-40
Shielded Housing: Die cast aluminum, Alloy A380 or A384.
Finish: Blue baked enamel per Federal Standard 595 #25109 over Phosphoric Etch per MIL-C-15328.
Cover: .040 thick aluminum 1100-H14
Finish: Clear anodized per MIL-A-8625.
Screws: 4 each 2-32 x 6.35 (1/4”) Pan head, self-tapping. Steel
RATINGS:
Operating Voltage: Inner Conductor/Shield: 500 VRMS Max.
Operating Temperature: -55ºC to +150ºC
Nominal Impedance: 50 Ohms
ORDERING INFORMATION: Model 3752


Similar Part No. - 3752

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3752 ADAFRUIT-3752 Datasheet
133Kb / 3P
Proto-pasta - 2.85mm Diameter - Conductive Graphite Filament - 500g
3-12-18
logo
List of Unclassifed Man...
37520 ETC2-37520 Datasheet
127Kb / 2P
STORAGE CONTAINERS
logo
SCHOTT CORPORATION
37521 SCHOTT-37521 Datasheet
19Kb / 1P
TRANSFORMER, G. SHDSL
logo
List of Unclassifed Man...
37521 ETC2-37521 Datasheet
127Kb / 2P
STORAGE CONTAINERS
37522 ETC2-37522 Datasheet
127Kb / 2P
STORAGE CONTAINERS
More results

Similar Description - 3752

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2390 POMONA-2390 Datasheet
25Kb / 1P
Size A Aluminum Box With Cover BNC Female/Female
2391 POMONA-2391 Datasheet
33Kb / 1P
Size A Aluminum Box With Cover BNC Male/Female
2392 POMONA-2392 Datasheet
29Kb / 1P
Size A Aluminum Box With Cover BNC Female Tee
2401 POMONA-2401 Datasheet
29Kb / 1P
Size A Aluminum Box With Cover BNC TEE F-F-M
2902 POMONA-2902 Datasheet
30Kb / 1P
Size C Aluminum Box With Cover BNC Female/Female
3230 POMONA-3230 Datasheet
25Kb / 1P
Size B Aluminum Box With Cover BNC Female/Female
3231 POMONA-3231 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Male/Female
3232 POMONA-3232 Datasheet
28Kb / 1P
Size B Aluminum Box With Cover BNC Female Tee
3234 POMONA-3234 Datasheet
26Kb / 1P
Size B Aluminum Box With Cover BNC Female Quad
3751 POMONA-3751 Datasheet
25Kb / 1P
Miniature Size Aluminum Box With Cover BNC Female/Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com