Electronic Components Datasheet Search
  English  ▼

X  

AP3154A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3154A
Description  Small LCD screen backlighting charge pump LED drivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3154A Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3154A Datasheet HTML 1Page - Diodes Incorporated AP3154A Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Announcement
New Product
AP3154A/56
NPA Number 001
AP3154A/56
Small LCD screen backlighting charge
pump LED drivers
Description
The AP3154A and AP3156 
are charge pump LED drivers 
for small LCD screen 
backlighting. They are well 
suited for LCD screens less 
than 3”.
Both use a tri‐mode charge 
pump switch (1X), fractional
(1.5X), and doubling (2X) 
conversion to maximize 
efficiency in white LED 
The Diodes advantage
The AP3154A and AP3156 provide a simple cost effective solution for
small screen LCD backlighting
x1/x1.5/x2 tri-mode voltage conversion
Increases efficiency giving longer battery life.
No inductor diodes
applications.
A low external parts count 
(two 1μF flying and two 
small 1μF capacitors at VIN
and VOUT) make them ideally 
suited for small, battery‐
No inductor, diodes
Reduces EMI and reduces PCB area
SDI digital interface
Versatile control to program LED current with 16-level/32-level
logarithmic scale
Small footprint low profile packages
Reduces PCB area and height restrictions
Soft-start & Soft-stop
powered applications.
A serial digital interface is 
used to enable, disable and 
set current for each LED with 
a 32‐level logarithmic scale 
plus four low‐current 
i
d
f
Circuit functions
LCD backlighting
Mobile phone
p
Reduces In-rush current during start up and power down.
SCP,OVP,UVLO,TSD
Improved robustness
settings down to 50μA for 
optimized efficiency..
www.diodes.com
Keypad backlighting
flashlight


Similar Part No. - AP3154A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3154AFG-7 DIODES-AP3154AFG-7 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results

Similar Description - AP3154A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL3157 DIODES-AL3157 Datasheet
309Kb / 9P
HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
Rev 1
logo
Rohm
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6081GU ROHM-BD6081GU_11 Datasheet
616Kb / 36P
Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com