Electronic Components Datasheet Search
  English  ▼

X  

3753 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3753
Description  Miniature Size Aluminum Box with Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3753 Datasheet(HTML) 1 Page - Pomona Electronics

  3753 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 3753
Miniature Size Aluminum Box
with Cover
Sales: 800-490-2361 Fax: 888-403-3360 Technical Assistance: 800-241-2060
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Page 1 of 1
Rev: 101
D1093978
MATERIALS (item included):
Housing: Die cast aluminum, alloy A380 or A384.
- Finish: Blue baked enamel paint per Federal Standard 595 #25109 over Phosphoric Etch
Cover: .040” (1,01mm) thick aluminum #1100-H14
- Finish: Clear anodized
Screws: Steel, 4 ea. #2-32 x ¼” Pan-held self-tapping.
ORDERING INFORMATION: Model 3753
Replacement and optional items:
Model 4742
Replacement Cover
Model 4864
Replacement Cover Screws (100/pkg)
Model 2352
Connector Screws with Turret
Model 3729
Flange Mounting Cover
Optional Box Variations:
Model 3754
Die cast aluminum not finished
Model 3751
BNC (f), and BNC (f ), one on each end.
Model 3752
BNC (m), and BNC (f), one on each end.


Similar Part No. - 3753

ManufacturerPart #DatasheetDescription
logo
Heyco.
3753 HEYCO-3753 Datasheet
231Kb / 1P
Nytye®Mounting Platforms
logo
Adafruit Industries
3753 ADAFRUIT-3753 Datasheet
248Kb / 3P
Proto-pasta - 2.85mm Diameter - Magnetic Rustable Iron Filament - 500g
3-12-18
logo
List of Unclassifed Man...
37530 ETC2-37530 Datasheet
127Kb / 2P
STORAGE CONTAINERS
logo
Belden Inc.
37530 BELDEN-37530 Datasheet
148Kb / 2P
Lead Wire, #3/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
37530-010250 BELDEN-37530-010250 Datasheet
148Kb / 2P
Lead Wire, #3/0 Str TC, EPDM Ins, AWM 3499
01-20-2023
More results

Similar Description - 3753

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2397 POMONA-2397 Datasheet
23Kb / 1P
Size A Aluminum Box With Cover
2400 POMONA-2400 Datasheet
21Kb / 1P
Size A Aluminum Box With Cover
2417 POMONA-2417 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2428 POMONA-2428 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2901 POMONA-2901 Datasheet
82Kb / 1P
Size C Aluminum Box With Cover
3301 POMONA-3301 Datasheet
24Kb / 1P
Size F Extruded Aluminum Box With Cover
3311 POMONA-3311 Datasheet
25Kb / 1P
Size G Extruded Aluminum Box With Cover
3751 POMONA-3751 Datasheet
25Kb / 1P
Miniature Size Aluminum Box With Cover BNC Female/Female
3752 POMONA-3752 Datasheet
28Kb / 1P
BNC (F) To BNC (M) Miniature Size Aluminum Box With Cover
3754 POMONA-3754 Datasheet
21Kb / 1P
Miniature Size Aluminum Box With Cover
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com