Electronic Components Datasheet Search
  English  ▼

X  

3754 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3754
Description  Miniature Size Aluminum Box With Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3754 Datasheet(HTML) 1 Page - Pomona Electronics

  3754 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90205 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3754_1_01.doc
Page 1 of
1
Model 3754
Miniature Size Aluminum
Box With Cover
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Connector:
Body: Tarnish Resistant Plating, Center Contact: Gold Plated Beryllium Copper
Shielded Housing: Die cast aluminum, Alloy A380 or A384
Cover: .040 thick aluminum alloy 1100-H14
Screws: Steel. 4 each 2-32 x ¼” pan head, self-tapping
Finish:
Shielded Housing – None
Cover – Clear anodized
Screws – Zinc per ASTM B633-85, Type II (bright blue)
RATINGS:
Operating Temperature: -55ºC to +150ºC
ORDERING INFORMATION: Model 3754


Similar Part No. - 3754

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3754 3M-3754 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
logo
Heyco.
3754 HEYCO-3754 Datasheet
241Kb / 1P
Nytye®Mounting Platforms
logo
Adafruit Industries
3754 ADAFRUIT-3754 Datasheet
892Kb / 3P
The 3D Printing Handbook ‐ by 3D Hubs
3-19-18
logo
3M Electronics
3754/100 3M-3754/100 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
3754/20 3M-3754/20 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
More results

Similar Description - 3754

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2397 POMONA-2397 Datasheet
23Kb / 1P
Size A Aluminum Box With Cover
2400 POMONA-2400 Datasheet
21Kb / 1P
Size A Aluminum Box With Cover
2417 POMONA-2417 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2428 POMONA-2428 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2901 POMONA-2901 Datasheet
82Kb / 1P
Size C Aluminum Box With Cover
3301 POMONA-3301 Datasheet
24Kb / 1P
Size F Extruded Aluminum Box With Cover
3311 POMONA-3311 Datasheet
25Kb / 1P
Size G Extruded Aluminum Box With Cover
3751 POMONA-3751 Datasheet
25Kb / 1P
Miniature Size Aluminum Box With Cover BNC Female/Female
3752 POMONA-3752 Datasheet
28Kb / 1P
BNC (F) To BNC (M) Miniature Size Aluminum Box With Cover
3753 POMONA-3753 Datasheet
28Kb / 1P
Miniature Size Aluminum Box with Cover
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com