Electronic Components Datasheet Search
  English  ▼

X  

AP3154AFG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3154AFG-7
Description  Small LCD screen backlighting charge pump LED drivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3154AFG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3154AFG-7 Datasheet HTML 1Page - Diodes Incorporated AP3154AFG-7 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
AP3154A/56
NPA Number 001
AP3154A/56
Small LCD screen backlighting
charge pump LED drivers
Diodes Backlighting IC
(V)
(V)
(MHz)
(%) (mA) (µA)
(Ω)
(V)
(°)
AP3154A
New 2.7 ~ 5.5
0.6/1.2/1.8 88
1.2
1
-
SDI
Yes Yes
-
-40 to +85 DFN3030-12
AP3156
New 2.7 ~ 5.5
0.5/1.0/2.0 88
1.5
1
-
SDI
Yes Yes
-
-40 to +85 QFN4040-16
AP5724
MP
2.7-5.5
26
1.4
84
2
1
0.75 DC/PWM Yes Yes
0.1 -25 to +85
SOT26
DFN2020C-6
DFN2020C-6
AP5725
MP
2.7-5.5
26
1.4
84
2
1
0.75 DC/PWM Yes Yes 0.25 -25 to +85
SOT26
DFN2020C-6
AP5726
MP
2.7-5.5
26
1.4
84
2
1
0.75 DC/PWM Yes Yes 0.31 -25 to +85
SOT26
DFN2020C-6
ZXLD1100
MP 2.5 ~ 5.5 28V
1
80 0.06 0.5
DC/PWM
No
No
-40 to +85
SC70-6
ZXLD1101
MP 2.5 ~ 5.5 28V
1
80 0.06 0.5
DC/PWM
No
No
-40 to +85
TSOT23-6
ZXLD1937
MP 2.5 ~ 5.5 28V
1
80 0.06 0.5
DC/PWM
No
No
-40 to +85
TSOT23-5
Ordering information
Device
Packaging
Pack  mark
Reel  size
Tape width
Quantity
F9
To find out more information:
Web page
http://www.diodes.com/products/catalog/detail.php?item‐id=4996
Datasheet 
http://www.diodes.com/datasheets/AP3154A.pdf 
http://www.diodes.com/datasheets/AP3156.pdf 
AP3154AFG‐7
TDFN3030‐12
F9
YWX
7”
8mm
3000
AP3156FVG‐7
QFN4040‐16
F7
YWX
7”
8mm
1500
All variants are in packages that are “Green” Molding Compound (No Br, Sb) with Lead Free Finish/RoHS Compliant (Note 1)
Notes:1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex 
Notes
www.diodes.com
Notes
Codes for date coding on part marks
Y  Year 0~9
W A~Z week 1~26  a~z week 27~53    X A~Z: Green



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com