Electronic Components Datasheet Search
  English  ▼

X  

AP8803 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP8803
Description  Cost effective 3W LED driver for consumer applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8803 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP8803 Datasheet HTML 1Page - Diodes Incorporated AP8803 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Announcement
New Product
AP8803
NPA Number 001
AP8803
Cost effective 3W LED driver for
consumer applications
Description
The AP8803 is a step‐down DC/DC 
converter designed to drive LEDs 
with a constant current. 
The device can drive up to 7 LEDs, 
depending on the forward voltage 
f h LED i
i
f
of the LEDs, in series from a 
voltage source of 8V to 30V. Series
connection of the LEDs provides 
identical LED currents resulting in 
uniform brightness and 
eliminating the need for ballast 
resistors. 
The Diodes advantage
The AP3154A and AP3156 provide a simple cost effective solution for
small screen LCD backlighting
Small footprint TSOT23-5
High power density
The AP8803 switches at frequency 
up to 700kHz. This allows the use 
of small size external components. 
The TSOT23‐5 package and 
coupled with it requiring only 4 
external components produces a 
small solution footprint.
High power density
Drives multiple 3W LED
Cost sensitive solution to MR16 lamps
PWM and DC dimming
Versatile dimming; DC for thermal control, PWM for brightness control
High switching frequency up to 700kHz
Small inductance value and size
The accuracy, temperature range 
and cost make it ideally suited to 
cost sensitive domestic lighting 
application.
It is available in green mold 
compound as standard
Circuit functions
3W LED driving
MR 16 lighting
Green mold compound (No Br, Sb) and Pb-free RoHS compliant
finish
Better for environment; no mercury unlike CFL.
www.diodes.com
NPA Number 001
General illumination
applications
12VAC lighting
applications


Similar Part No. - AP8803

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
232Kb / 10P
30V 1A BUCK LED DRIVER
Rev 5
AP8803 DIODES-AP8803_12 Datasheet
232Kb / 10P
30V 1A BUCK LED DRIVER
Rev 5
More results

Similar Description - AP8803

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ215 ISC-BUZ215 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ216 ISC-BUZ216 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ255 ISC-BUZ255 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ308 ISC-BUZ308 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ325 ISC-BUZ325 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ326 ISC-BUZ326 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ77A ISC-BUZ77A Datasheet
66Kb / 2P
Easy driver for cost effective application
BUZ77B ISC-BUZ77B Datasheet
66Kb / 2P
Easy driver for cost effective application
BUZ93 ISC-BUZ93 Datasheet
65Kb / 2P
Easy driver for cost effective application
logo
Diodes Incorporated
AP3304A DIODES-AP3304A Datasheet
413Kb / 2P
Highly Integrated, Cost-Effective, USB PD3.0 Charger Solution for Portable and Consumer Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com