Electronic Components Datasheet Search
  English  ▼

X  

3834 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3834
Description  Banana Jack To Pin Jack Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3834 Datasheet(HTML) 1 Page - Pomona Electronics

  3834 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
SY/EH/LS
More drawings available at www.pomonaelectronics.com
W:\pomona\grponly\Datasheet Updates\Updates 2005\d3834_1_02.doc
Page 1 of 1
Model 3834
Banana Jack To Pin Jack
Adapter
FEATURES:
This splice accepts a standard banana plug on one end and a 2.0 (.080) pin tip plug on the other end.
MATERIALS:
Upper Conn.: Banana Jack
Material: Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish: Nickel plated per QQ-N-290, Class 2, 200/300 microinches.
Insulation:
Polypropylene molded to banana jack body and pin tip body.
Marking: POMONA ELECTRONICS CALIF.
MODEL 3834
Lower Conn.:
Pin Tip Jack:
Material: Body
Brass per QQ-B-626, Alloy 360, ½ Hard.
Spring
Beryllium copper per QQ-C-533, Alloy 172, Cond. H.T.
Finish: Body
Same as upper conn.
Spring
Gold plated per MIL-G-45204, Type II, Class 00 over electroless nickel per MIL-C-
26074,
Class 1, 200/300 microinches.
RATINGS:
Operating Temperature: +55 C. (+131 F.) Max.
Operating Voltage: 3000 VDC
Current: 5 Amperes
ORDERING INFORMATION: Model 3834-*
*=Color, -0 Black
Ordering Example: 3834-0 Adapter Color is Black. Additional colors may be quoted upon request.


Similar Part No. - 3834

ManufacturerPart #DatasheetDescription
logo
Heyco.
3834 HEYCO-3834 Datasheet
282Kb / 1P
Heyco® TPE Liquid Tight Hole Plugs
logo
Adafruit Industries
3834 ADAFRUIT-3834 Datasheet
310Kb / 3P
Love To Code: Volume 1 Add-on Booklet Kit - Microsoft MakeCode Edition
6-4-18
logo
Bahco
3834-ARBR-11152-C BAHCO-3834-ARBR-11152-C Datasheet
374Kb / 5P
Sandflex® means world-class know-how and quality.
3834-ARBR-11152QC-C BAHCO-3834-ARBR-11152QC-C Datasheet
374Kb / 5P
Sandflex® means world-class know-how and quality.
3834-ARBR-1130-C BAHCO-3834-ARBR-1130-C Datasheet
374Kb / 5P
Sandflex® means world-class know-how and quality.
More results

Similar Description - 3834

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1432 POMONA-1432 Datasheet
22Kb / 1P
Banana Jack To Pin Tip Plug
1442 POMONA-1442 Datasheet
28Kb / 1P
Adapter, Phono Jack To Double Banana Plug
1809 POMONA-1809 Datasheet
25Kb / 1P
Pin Jack To Banana Plug
2477 POMONA-2477 Datasheet
25Kb / 1P
Miniature Banana Jack To Standard Banana Plug Adapter
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
MODEL4044 POMONA-MODEL4044 Datasheet
29Kb / 1P
Adapter ??Phone Jack To Double Banana Plug
logo
3M Electronics
1432-0 3M-1432-0 Datasheet
22Kb / 1P
Banana Jack To Pin Tip Plug
09-Jun-1999
logo
List of Unclassifed Man...
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com