Electronic Components Datasheet Search
  English  ▼

X  

3901 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3901
Description  BNC (Male) To Stackable Pin Tip Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3901 Datasheet(HTML) 1 Page - Pomona Electronics

  3901 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 3901
BNC (Male) To Stackable
Pin Tip Plugs
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1094126
Page 1 of 1
FEATURES:
Converts BNC (female) cables / connectors to stackable pin tip for test versatility.
Miniature banana plug springs are gold plated Beryllium Copper for excellent electrical connection.
BNC connector is molded directly to the wire for pull strength durability and dust and moisture resistance.
Black wire is connected to BNC shell, red wire to BNC center contact.
Pin tip plugs are stackable.
MATERIALS:
BNC: Nickel Plated Brass, Center Contact: Gold Plated Brass
Dielectric: PTFE
Wire: 20 AWG, PVC Insulated
Pin Tip: Brass Gold Plated, Spring: Beryllium Copper, Gold Plated
Insulation: Polypropylene, color matches color of wire.
RATINGS:
Voltage:
Hands free testing in controlled voltage environments: 500 Vrms Max. For CE compliance: not intended for
hand-held use at voltages above 33 Vrms/70 Vdc.
Operating Temperature: +131°F (+55°C) Max.
ORDERING INFORMATION: Model 3901*
* Custom lengths are available, contact Pomona Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)


Similar Part No. - 3901

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3901 ADAFRUIT-3901 Datasheet
279Kb / 2P
Love To Code Chibi Scope
8-14-18
logo
TE Connectivity Ltd
3901/01/24 TEC-3901/01/24 Datasheet
136Kb / 3P
Surface Sensor for High Rel & Aerospace
25/03/14 Rev 03
logo
List of Unclassifed Man...
39010 ETC2-39010 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39010 ETC2-39010 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39010 ETC2-39010 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
More results

Similar Description - 3901

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3957 POMONA-3957 Datasheet
50Kb / 1P
BNC (Male) to Multi-Stacking Banana Plugs
2882 POMONA-2882 Datasheet
22Kb / 1P
BNC (Male) To Stacking Pin Tip Plugs
3221 POMONA-3221 Datasheet
29Kb / 1P
BNC (Female) To Stackable Pin Tip Plugs
5268 POMONA-5268 Datasheet
28Kb / 1P
BNC (Male) To Single Stackable Banana Plugs
logo
Pasternack Enterprises,...
PE33550 PASTERNACK-PE33550 Datasheet
115Kb / 1P
CABLE ASSEMBLY RG59B/U-BLACK BNC MALE TO STACKING TIP PLUGS
PE9902 PASTERNACK-PE9902 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO STACKING TIP PLUGS
PE9911 PASTERNACK-PE9911 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO STACKING TIP PLUGS
logo
List of Unclassifed Man...
BU-5120-A-4-0 ETC2-BU-5120-A-4-0 Datasheet
169Kb / 1P
BNC Male Breakout to Stackable Single Banana Plugs
BU-5144-A-4-0 ETC2-BU-5144-A-4-0 Datasheet
85Kb / 1P
BNC Male Breakout to Stackable Pin Plug
BU-5244-A-4-0 ETC2-BU-5244-A-4-0 Datasheet
87Kb / 1P
BNC Female Breakout to Stackable Pin Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com