Electronic Components Datasheet Search
  English  ▼

X  

4298 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4298
Description  Adapter, SMA Male To Type ?쏯??Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4298 Datasheet(HTML) 1 Page - Pomona Electronics

  4298 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/31/02 SY/EH/LS
PomonaACCESS 90255 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d4298_1_02.doc
Page 1 of 1
Model 4298
Adapter, SMA Male To Type “N”
Female
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Body: Gold Plated Beryllium Copper,
Male Contact - Gold Plated Brass,
Female Contact – Gold Plated Beryllium Copper
Dielectric: Teflon
Finish: Body and Contacts – Gold plated
Marking: “Pomona 4298”
RATINGS:
Voltage: Shield/Earth: 30VAC/60VDC Max.
Inner Conductor/Shield: 335VRMS Max.
Operating Temperature: -65ºC (-85ºF) to +165ºC (+329ºF)
Nominal Impedance: 50 Ohms
Frequency Range: 0-12.4 GHz.
ORDERING INFORMATION: Model 4298


Similar Part No. - 4298

ManufacturerPart #DatasheetDescription
logo
Heyco.
4298 HEYCO-4298 Datasheet
93Kb / 1P
Nylon Kayak Clips
logo
Wiha Tools
42989 WIHA-42989 Datasheet
67Kb / 1P
Screwdriver with bit holder set SoftFinish electric slimVario
More results

Similar Description - 4298

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3535 POMONA-3535 Datasheet
19Kb / 1P
Adapter BNC (Male) To ?쏯??(Female)
4296 POMONA-4296 Datasheet
27Kb / 1P
Adapter, SMA Male To Type ?쏯??Male
4297 POMONA-4297 Datasheet
26Kb / 1P
Adapter, SMA (f) To Type ?쏯??(m)
4299 POMONA-4299 Datasheet
25Kb / 1P
Adapter SMA Female To Type ?쏯??Female
5058 POMONA-5058 Datasheet
39Kb / 1P
SMA Male To Type ?쏯??Male 50 Ohm Cable Assembly
logo
Pasternack Enterprises,...
PE9103 PASTERNACK-PE9103 Datasheet
253Kb / 3P
SMA Male to SMA Female Adapter
logo
List of Unclassifed Man...
5004 ETC2-5004 Datasheet
133Kb / 1P
TYPE N MALE TO SMA FEMALE ADAPTER
5010 ETC2-5010 Datasheet
132Kb / 1P
TYPE N FEMALE TO SMA MALE ADAPTER
logo
Pasternack Enterprises,...
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
logo
Mini-Circuits
SFR-SM50 MINI-SFR-SM50 Datasheet
186Kb / 2P
Adapter SMA-Female to SMA-Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com