Electronic Components Datasheet Search
  English  ▼

X  

4299 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4299
Description  Adapter SMA Female To Type ?쏯??Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4299 Datasheet(HTML) 1 Page - Pomona Electronics

  4299 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specificat ions are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/31/02 SY/EH/LS
PomonaACCESS 90256 (800) 444-6785 or (425) 446-6010
Last saved by PN
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheets\FlukeDataSheet \d4299_1_02.doc
Page 1 of 1
Model 4299
Adapter SMA Female To Type “N”
Female
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Body: Gold Plated Beryllium Copper, Center Contact – Gold Plated Beryllium Copper
Dielectric: Teflon
Finish: Body and Contacts – Gold plated
Marking: “Pomona 4299”
RATINGS:
Voltage: Shield/Earth: 30VAC/60VDC Max.
Inner Conductor/Shield: 335VRMS Max.
Operating Temperature: -65ºC (-85ºF) to +165ºC (+329ºF)
Nominal Impedance: 50 Ohms
Frequency Range: 0-12.4 GHz.
ORDERING INFORMATION: Model 4299


Similar Part No. - 4299

ManufacturerPart #DatasheetDescription
logo
Heyco.
4299 HEYCO-4299 Datasheet
93Kb / 1P
Nylon Kayak Clips
logo
Adafruit Industries
4299 ADAFRUIT-4299 Datasheet
1Mb / 2P
Micro B USB to USB C Adapter
7-16-19
logo
TEKTRONIX, INC.
4299-10 TEKTRONIX-4299-10 Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
4299-10 TEKTRONIX-4299-10 Datasheet
1Mb / 27P
DMM 7510 7쩍-Digit Graphical Sampling Multimeter
4299-11 TEKTRONIX-4299-11 Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
More results

Similar Description - 4299

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3535 POMONA-3535 Datasheet
19Kb / 1P
Adapter BNC (Male) To ?쏯??(Female)
4284 POMONA-4284 Datasheet
112Kb / 1P
SMA Female To Female Adapter
4285 POMONA-4285 Datasheet
21Kb / 1P
Adapter, SMA, Female To Female
4296 POMONA-4296 Datasheet
27Kb / 1P
Adapter, SMA Male To Type ?쏯??Male
4297 POMONA-4297 Datasheet
26Kb / 1P
Adapter, SMA (f) To Type ?쏯??(m)
4298 POMONA-4298 Datasheet
27Kb / 1P
Adapter, SMA Male To Type ?쏯??Female
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
logo
List of Unclassifed Man...
5008 ETC2-5008 Datasheet
129Kb / 1P
TYPE N FEMALE TO SMA FEMALE ADAPTER
5191 ETC2-5191 Datasheet
121Kb / 1P
SMA FEMALE TO SMA FEMALE STRAIGHT ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com