Electronic Components Datasheet Search
  English  ▼

X  

4384 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4384
Description  Thermoplastic Box With Card Guides
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4384 Datasheet(HTML) 1 Page - Pomona Electronics

  4384 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90259
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d4384_1_01.doc
Page 1 of
1
Model 4384
Thermoplastic Box With
Card Guides
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Box and Cover: Glass filled nylon. Color: Blue
Marking: 4384
Screw: 4 Ea. Pan Head, self-tapping #2-32 cover crews. Carbon Steel.
Finish: Blue Zinc Plated
RATINGS:
Operating Temperature: +102°C. (+216°F.) Max.
ORDERING INFORMATION: Model 4384-*
*=Color Code, -0 Black, -6 Blue


Similar Part No. - 4384

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43841-0001 MOLEX6-43841-0001 Datasheet
229Kb / 4P
Modular Jack, Right Angle, Low Profile, SMT, 8/6, 2 Ports
43841-0002 MOLEX6-43841-0002 Datasheet
229Kb / 4P
Modular Jack, Right Angle, Low Profile, SMT, 8/6, 2 Ports
43841-0003 MOLEX6-43841-0003 Datasheet
229Kb / 4P
Modular Jack, Right Angle, Low Profile, SMT, 8/8, 2 Ports
43841-0004 MOLEX6-43841-0004 Datasheet
229Kb / 4P
Modular Jack, Right Angle, Low Profile, SMT, 6/4, 2 Ports
43841-0005 MOLEX6-43841-0005 Datasheet
229Kb / 4P
Modular Jack, Right Angle, Low Profile, SMT, 6/6, 2 Ports
More results

Similar Description - 4384

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3742 POMONA-3742 Datasheet
25Kb / 1P
Shielded Housing, Size H, With Card Guides
3743 POMONA-3743 Datasheet
25Kb / 1P
Unpainted Shielded Housing, 6??High With Card Guides
3850 POMONA-3850 Datasheet
698Kb / 1P
Thermoplastic Box With Card Guides & Cover
4226 POMONA-4226 Datasheet
27Kb / 1P
E Size, Die Cast Aluminum Box, With Cover And Card Guides
4655 POMONA-4655 Datasheet
25Kb / 1P
Die Cast Aluminum Box, J Size W/Card Guides
4903 POMONA-4903 Datasheet
32Kb / 1P
Die Cast Aluminum Box, L Size W/Card Guides
5203 POMONA-5203 Datasheet
24Kb / 1P
Die Cast Box With Card Guides Size L, Unpainted
5255 POMONA-5255 Datasheet
22Kb / 1P
Die Cast Box, With Card Guides Size J, Unpainted
logo
Richco, Inc.
PCG-1-48 RICHCO-PCG-1-48 Datasheet
59Kb / 1P
PRINTED CARD GUIDES
RCG-1 RICHCO-RCG-1 Datasheet
35Kb / 1P
RACK CARD GUIDES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com