Electronic Components Datasheet Search
  English  ▼

X  

4521 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4521
Description  Test Clip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4521 Datasheet(HTML) 1 Page - Pomona Electronics

  4521 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
SY/EH/LS
More drawings available at www.pomonaelectronics.com
W:\pomona\grponly\Datasheet Updates\Updates 2005\d4521_K5925_1_02.doc
Page 1 of 1
Model 4521 & 5925 Kit
Micrograbber® Test
Clip With .64 (.025) Sq. Pin
MATERIALS:
Contact
Beryllium Copper, Alloy 165, ½ HM.
Spring
Stainless Steel, 302
Sq. Pin
Phosphor Bronze, Alloy 510
Finish:
Contact & Sq. Pin
Gold plated per MIL-G_45204, Type II, Class 00 over nickel.
Insulation: Glass filled nylon.
Marking:
POMONA GRABBER® 4521
Overall Length: 1.73
RATINGS:
Operating Temperature: +102°C. (+216°F.) Max.
Operating Voltage: 150 VRM/DC
Current: 3 Amperes
ODERING INFORMATION: Model 4521-* & Model 5925 Kit
* = Color, Standard Colors: -0 Black, -2 Red
Kit 5925 contains 10 pieces of 4521 clips, one of each color: -0 Black, -1 Brown, -2 Red, -3 Orange, -4
Yellow, -5 Green, -6 Blue, -7 Violet, -8 Gray, -9 White


Similar Part No. - 4521

ManufacturerPart #DatasheetDescription
logo
Heyco.
4521 HEYCO-4521 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
List of Unclassifed Man...
45210 ETC2-45210 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
3M Electronics
45210-600230 3M-45210-600230 Datasheet
126Kb / 2P
Ribbon Cable Wiremount Socket Assembly
logo
List of Unclassifed Man...
45211 ETC2-45211 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
3M Electronics
45214-220230 3M-45214-220230 Datasheet
126Kb / 2P
Ribbon Cable Wiremount Socket Assembly
More results

Similar Description - 4521

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4225 POMONA-4225 Datasheet
21Kb / 1P
Maxigrabber Test Clip
4233 POMONA-4233 Datasheet
55Kb / 2P
Test Clip Kits
4613 POMONA-4613 Datasheet
23Kb / 1P
Micrograbber Test Clip
5413 POMONA-5413 Datasheet
25Kb / 1P
14 Pin SOIC Clip Test Clip
5418 POMONA-5418 Datasheet
79Kb / 2P
Minipincer Test Clip
5514 POMONA-5514 Datasheet
21Kb / 1P
SOIC Clip Test Clip Kit
6107 POMONA-6107 Datasheet
39Kb / 1P
32 Pin SOIC Clip Test Clip
6108 POMONA-6108 Datasheet
38Kb / 1P
40 In. SOIC Clip Test Clip
6109 POMONA-6109 Datasheet
38Kb / 1P
44 Pin SOIC Clip Test Clip
4565-0 POMONA-4565-0 Datasheet
21Kb / 1P
Maxigrabber짰 Test Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com