Electronic Components Datasheet Search
  English  ▼

X  

4528 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4528
Description  Cable Assembly SMA Male To SMA Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4528 Datasheet(HTML) 1 Page - Pomona Electronics

  4528 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
SY/EH/LS
More drawings available at www.pomonaelectronics.com
W:\pomona\grponly\Datasheet Updates\Updates 2005\d4528_1_02.doc
Page 1 of 1
Model 4528
Cable Assembly
SMA Male To SMA Female
CABLE TYPES
RG 174/U
Black
RG 142B/U
Tinted Brown
4528-K-XX
4528-X-XX
Cap. pF/ft.
30.8
29.0
Nom. Imp. Ohms
50
50
Loss
.45 dB/ft @ 1.0 GHz Max
.67 dB/ft @12.4GHz Max
Temperature
+85ºC. (+185ºF.) Max.
+200ºC. (+392ºF.) Max
MATERIALS:
Connectors: SMA (Male) & SMA (Female) Crimp
Body
Passivated Stainless Steel, Contact: Gold Plated Brass, Center Contact: Beryllium Copper
Dielectric
Teflon
Finish: Contact
Gold plated
Body
Nickel plated
Cable: See Tab Block
Marking: Pomona 4528-X-XX"
RATINGS:
Operating Voltage: 335 VRMS Max.
ORDERING INFORMATION: Model 4528-X-XX
X=Cable type (see table above)
XX = Cable Lengths
4528-K, Standard Length 48 (1219)
4528-X, Standard Lengths 24 (610), & 48 (1219)
Additional lengths can be quoted upon request.
Ordering Example: 4528-X-24 Indicates 24 in length.


Similar Part No. - 4528

ManufacturerPart #DatasheetDescription
logo
Heyco.
4528 HEYCO-4528 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Adafruit Industries
4528 ADAFRUIT-4528 Datasheet
539Kb / 2P
Grove to STEMMA QT / Qwiic / JST SH Cable - 100mm long
3-11-20
logo
Molex Electronics Ltd.
45280-0401 MOLEX-45280-0401 Datasheet
256Kb / 2P
3.00mm (.118?? Pitch Micro-Fit 3.0, CPI??Micro-Fit 3.0, BMI??CPI Vertical Headers
45280-0402 MOLEX-45280-0402 Datasheet
256Kb / 2P
3.00mm (.118?? Pitch Micro-Fit 3.0, CPI??Micro-Fit 3.0, BMI??CPI Vertical Headers
45280-0403 MOLEX-45280-0403 Datasheet
256Kb / 2P
3.00mm (.118?? Pitch Micro-Fit 3.0, CPI??Micro-Fit 3.0, BMI??CPI Vertical Headers
More results

Similar Description - 4528

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3253 PASTERNACK-PE3253 Datasheet
132Kb / 1P
CABLE ASSEMBLY, PE-SR047AL SMA MALE TO SMA FEMALE
PE3706 PASTERNACK-PE3706 Datasheet
106Kb / 1P
CABLE ASSEMBLY RG188A/U SMA MALE TO SMA FEMALE
PE3093 PASTERNACK-PE3093 Datasheet
134Kb / 1P
CABLE ASSEMBLY RG55B/U SMA MALE TO SMA FEMALE
PE34237 PASTERNACK-PE34237 Datasheet
132Kb / 1P
CABLE ASSEMBLY PE-SR405AL SMA MALE TO SMA FEMALE
PE3697LF PASTERNACK-PE3697LF Datasheet
134Kb / 1P
CABLE ASSEMBLY RG223/U SMA MALE TO SMA FEMALE
PE3832LF PASTERNACK-PE3832LF Datasheet
279Kb / 1P
CABLE ASSEMBLY RG316/U SMA MALE TO SMA FEMALE
PE3864 PASTERNACK-PE3864 Datasheet
268Kb / 1P
CABLE ASSEMBLY RG400/U SMA MALE TO SMA FEMALE
PE3823 PASTERNACK-PE3823 Datasheet
269Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMA FEMALE
PE3824LF PASTERNACK-PE3824LF Datasheet
277Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMA FEMALE
PE3056-72 PASTERNACK-PE3056-72 Datasheet
145Kb / 1P
cable assembly, rg178c/u, sma male to sma female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com