Electronic Components Datasheet Search
  English  ▼

X  

4601 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4601
Description  Triple Banana Jack, Insulated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4601 Datasheet(HTML) 1 Page - Pomona Electronics

  4601 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90597 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d4601_1_01.doc
Page 1 of
1
Model 4601
Triple Banana Jack,
Insulated
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Closed entry receptacle, 4.2 (.166) dia. x 23.4
(.920) deep.
• Mounts in panels from 1.6 (.063) to 9.5 (.375)
thick.
• Nickel plated lock washer and ¼-32 hex nut.
• Mates to Model #2970.
• Ideal for connection to power supplies with
positive, negative and return connections.
MATERIALS:
Banana jack insulation: Polycarbonate molded to
banana jack bodies.
Color: One Red, one Black, and one Green.
Mounting Plate: Polycarbonate.
Color: See ordering instructions.
Insulator: Polycarbonate. Color matches color of
banana jack insulation.
Lockwasher ¼ Int tooth:
Material: Steel.
Finish: Nickel plated per QQ-N-290
Hex nut ¼-32:
Material: Brass.
Finish: Nickel plated per QQ-N-290.
Banana jack body/solder turret:
Material: Brass, per QQ-B-626, Alloy 360,
½ Hard.
Finish: Bright tin plated per MIL-T-10727.
RATINGS: (Entire assembly)
Operating Temperature: +115
°C. (+239°F.) Max.
Voltage: Hand-held testing: 30VAC/60VDC Max.
Hands free testing in controlled voltage
environments: 2500 WVDC Max.
Current: 15 Amperes
ORDERING INFORMATION: Model 4601-*
*=Color, -0 Black, -2 Red
Ordering Example: 4601-2 Color is Red.


Similar Part No. - 4601

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
logo
Keystone Electronics Co...
4601 KEYSTONE-4601 Datasheet
413Kb / 1P
TO-3 POWER TRANSISTOR SOCKET & MOUNTING KITS
31-07 20th
logo
3M Electronics
4601-0 3M-4601-0 Datasheet
26Kb / 1P
Triple Banana Jack, Insulated
09-Jun-1999
logo
Bourns Electronic Solut...
46010M-4-RC/RC BOURNS-46010M-4-RC/RC Datasheet
245Kb / 2P
Thick Film Conformal SIPs
logo
Turck, Inc.
4601190 TURCK-4601190 Datasheet
208Kb / 3P
Inductive Sensor
11/07/2023
More results

Similar Description - 4601

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2142 POMONA-2142 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
2269 POMONA-2269 Datasheet
320Kb / 1P
Insulated Double Banana Jack
5935 POMONA-5935 Datasheet
24Kb / 1P
2MM Insulated Banana Jack
logo
3M Electronics
2142-2 3M-2142-2 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
Rev 100
2142-4 3M-2142-4 Datasheet
28Kb / 1P
Insulated Miniature Banana Jack
09-Jun-1999
4601-0 3M-4601-0 Datasheet
26Kb / 1P
Triple Banana Jack, Insulated
09-Jun-1999
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
Insulated Banana Jack
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
Insulated Banana Jack To Standard Banana Plug
logo
Keystone Electronics Co...
6091 KEYSTONE-6091 Datasheet
202Kb / 1P
INSULATED BANANA JACK
1.11.06
6095 KEYSTONE-6095 Datasheet
189Kb / 1P
NON-INSULATED BANANA JACK
11.5.99
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com