Electronic Components Datasheet Search
  English  ▼

X  

4613 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4613
Description  Micrograbber Test Clip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4613 Datasheet(HTML) 1 Page - Pomona Electronics

  4613 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90598 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d4613_K5525_1_01.doc
Page 1 of
1
Model 4613 & 5525
Micrograbber° Test Clip,
Each End
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Ideal for providing jumper wires between small components.
MATERIALS:
Conn: 1
st End - Micrograbber®
Material: Contact – Beryllium Copper per QQ-C-533, Alloy 165, ¼ HM.
Spring – Stainless Steel, Alloy 302.
Finish: Contact – Gold plated per MIL-G-45204, Type 1, Class 00.
Insulation: Glass filled nylon.
Marking: “POMONA ELECTRONICS” “MICROGRABBER®”
Wire: 20 AWG, stranding 41 x 36 t.c., PVC insulated 2.21 (.087) O.D.
Marking: “POMONA 4613-*”
Color: See Ordering Information.
Conn: Same as first end.
RATINGS:
Operating Temperature: +102ºC. (+216ºF.) Max.
Operating Voltage: 30VAC/60VDC Max.
Current: 3 Amperes
ORDERING INFORMATION: Model 4613-XX-*
Single Patch Cord: XX = Cable Lengths, Standard Lengths: 12” (305), 24” (610), 36” (914) & 48” (1219).
Additional lengths can be quoted upon request.
Ordering Example: 4613-48-2
Indicates 48” in length, color is Red
ORDERING INFORMATION: Model 5525
Kit containing 10 pieces of Model 4613-24, one of each color.


Similar Part No. - 4613

ManufacturerPart #DatasheetDescription
logo
Heyco.
4613 HEYCO-4613 Datasheet
340Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
Molex Electronics Ltd.
46132-5000 MOLEX6-46132-5000 Datasheet
150Kb / 3P
0.80mm (.031") Pitch HandyLink Plug for PCB Termination, 16 Circuit with PCB Through Hold Options
461325001 MOLEX6-461325001 Datasheet
150Kb / 3P
0.80mm (.031") Pitch HandyLink??Plug for PCB Termination, 11 Circuit with PCB Through Hold Options
461325002 MOLEX6-461325002 Datasheet
150Kb / 3P
0.80mm (.031") Pitch HandyLink??Plug for PCB Termination, 10 Circuit with PCB Through Hold Options
logo
TE Connectivity Ltd
46133 TEC-46133 Datasheet
449Kb / 8P
SOLISTRAND Crimping Dies
More results

Similar Description - 4613

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5188 POMONA-5188 Datasheet
30Kb / 1P
BNC (Female) To Micrograbber Test Clips
5189 POMONA-5189 Datasheet
31Kb / 1P
BNC (Male) To Micrograbber Test Clips
4225 POMONA-4225 Datasheet
21Kb / 1P
Maxigrabber Test Clip
4521 POMONA-4521 Datasheet
13Kb / 1P
Test Clip
4777 POMONA-4777 Datasheet
35Kb / 1P
BNC (Male) With Strain Relief To Micrograbber Test Clips
5053 POMONA-5053 Datasheet
45Kb / 1P
Micrograbber Test Clip To Stacking Banana Plug
5418 POMONA-5418 Datasheet
79Kb / 2P
Minipincer Test Clip
5514 POMONA-5514 Datasheet
21Kb / 1P
SOIC Clip Test Clip Kit
5790 POMONA-5790 Datasheet
37Kb / 1P
Rotating Micrograbber Test Clip & Kit
4565-0 POMONA-4565-0 Datasheet
21Kb / 1P
Maxigrabber짰 Test Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com