Electronic Components Datasheet Search
  English  ▼

X  

4702 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4702
Description  Banana Plug To In-Line Banana Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4702 Datasheet(HTML) 1 Page - Pomona Electronics

  4702 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
10/01/07
D1094139
www.pomonaelectronics.com
Rev. 101
Page 1 of 1
Model 4702
Banana Plug To In-Line Banana Jack
Sales: 800-490-2361 Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
FEATURES:
•
Dual Purpose
•
Insulates all hot leads when used as an extension cord.
•
Endless extension couplings possible with any banana plug patch cord.
MATERIALS:
Conn: Banana Plug
Material: Spring, One piece heat treated Beryllium Copper, Beryllium Copper 25 per QQ-C-533.
Finish: Nickel plate per QQ-N-290 class 2 (.0002 min.).
Insulation: Polypropylene, molded to plug body and wire. Color matches color of wire.
Operating Temperature: +55º C (+131º F) Max.
Marking: “POMONA ELECTRONICS CALIF.”
Wire: 18 AWG; stranding 65 x 36 tinned copper, polyvinyl chloride insulated (.050 wall thickness).
Marking: POMONA 4702-“XX”.
Conn: In-Line Banana Jack
Material: Brass, H.H. per QQ-B-626, Alloy 360.
Finish: Nickel plate per QQ-N-290. Class 2 (.0002 min.).
Insulation: Polypropylene, molded to jack body and wire. Color matches color of wire.
Operating Temperature: +55º C (+131º F) Max.
Marking: “POMONA ELECTRONICS CALIF.”
RATINGS: Entire Assembly
Operating Temperature: +55º C (+131º F) Max.
Operating Voltage: 5000 W VDC
Current: 15 Amperes Cont.
ORDERING INFORMATION: Model 4702-XX-*
XX = Cable Lengths, Standard Lengths: 24” (610mm), 36” (914mm), & 48” (1219mm).
Additional lengths can be quoted upon request.
*=Color, -0 black, -2 red.
Ordering Example: 4702-48-2
Indicates 48” in length, color is Red.


Similar Part No. - 4702

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4702 ETC2-4702 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Diotec Semiconductor
4702 DIOTEC-4702 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Filtran LTD
4702-05 FILTRAN-4702-05 Datasheet
77Kb / 1P
Power Transformers Low Profile
4702-06 FILTRAN-4702-06 Datasheet
77Kb / 1P
Power Transformers Low Profile
4702-08 FILTRAN-4702-08 Datasheet
77Kb / 1P
Power Transformers Low Profile
More results

Similar Description - 4702

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1809 POMONA-1809 Datasheet
25Kb / 1P
Pin Jack To Banana Plug
2138 POMONA-2138 Datasheet
21Kb / 1P
Standard Banana Jack To Miniature Banana Plug
2477 POMONA-2477 Datasheet
25Kb / 1P
Miniature Banana Jack To Standard Banana Plug Adapter
2952 POMONA-2952 Datasheet
24Kb / 1P
Adapter - Standard Double Banana Jack To Miniature Double Banana Plug
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
Insulated Banana Jack To Standard Banana Plug
BU-P5167-0 ETC2-BU-P5167-0 Datasheet
194Kb / 1P
Banana Jack (In-Line)
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com