Electronic Components Datasheet Search
  English  ▼

X  

4723 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4723
Description  Minigrabber With Banana Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4723 Datasheet(HTML) 1 Page - Pomona Electronics

  4723 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
SY/EH/LS
More drawings available at www.pomonaelectronics.com
W:\pomona\grponly\Datasheet Updates\Updates 2005\d4723_1_02.doc
Page 1 of 1
Model 4723
Minigrabber® With Banana Jack
FEATURES:
This Minigrabber test clip has a standard banana jack built right into the plunger.
Excellent for attaching the Grabber test clip directly to the end of a banana plug patch cord.
MATERIALS:
Contact: Beryllium Copper per QQ-C-533, Alloy 165, ¼ HM.
Spring Stainless steel #302
Banana Jack: Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish:
Contact: Gold plated per MIL-G-45204, Type I, Class 00
Banana Jack: Nickel plated per QQ-N-290, Class 1, 200/300 microinches.
Insulation:
Glass filled Nylon.
Marking: POMONA ELECTRONICS, CALIF.
4723
MINIGRABBER
.
RATINGS:
Operating Temperature: +102 C. (+216 F.) Max.
Operating Voltage: Hand-held testing: 30VAC/60VDC Max.
Current: 5 Amperes
ORDERING INFORMATION: Model 4723-*
*=Color, -0 Black, -2 Red,
Ordering Example: 4723-2 Adapter Color is Red.


Similar Part No. - 4723

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4723 SCHURTER-4723 Datasheet
368Kb / 3P
IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4723 SCHURTER-4723 Datasheet
329Kb / 3P
IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4723 SCHURTER-4723 Datasheet
340Kb / 3P
IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4723 SCHURTER-4723 Datasheet
376Kb / 4P
IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4723 SCHURTER-4723 Datasheet
376Kb / 4P
IEC Appliance Outlet F Shuttered, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
More results

Similar Description - 4723

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5531 POMONA-5531 Datasheet
16Kb / 1P
Ring Terminal With Banana Jack
3782 POMONA-3782 Datasheet
57Kb / 1P
Minigrabber Test Clip To Stacking Banana Plug
3784 POMONA-3784 Datasheet
31Kb / 1P
Minigrabber Test Clip To Stacking Miniature Banana Plug
3786 POMONA-3786 Datasheet
30Kb / 1P
Minigrabber Test Clips To Double Banana Plug
4538 POMONA-4538 Datasheet
29Kb / 1P
Minigrabber Test Clip To Stacking Banana Plug With Rectractile (Coiled) Cord
4650 POMONA-4650 Datasheet
21Kb / 1P
Minigrabber Test Clip To In-Line Banana Plug
4826 POMONA-4826 Datasheet
27Kb / 1P
Minigrabber Test Clip With Pin Jack
6567 POMONA-6567 Datasheet
35Kb / 1P
Alligator with Banana Jack
logo
List of Unclassifed Man...
BU-P5168-0 ETC2-BU-P5168-0 Datasheet
203Kb / 1P
Banana Jack
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com