Electronic Components Datasheet Search
  English  ▼

X  

RWC50A-101KB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # RWC50A-101KB
Description  HIGH POWER RESISTOR - Water Cooling, Non-Inductive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RWC50A-101KB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  RWC50A-101KB Datasheet HTML 1Page - American Accurate Components, Inc. RWC50A-101KB Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – Water Cooling, Non-Inductive
The content of this specification may change without notification 12/14/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
HOW TO ORDER
RWC 50 - 102 K B
Packaging
B = bulk
Tolerance
K= +10%
Resistance (
Ω)
1R0 = 1.0
100 = 10
101 = 100
102 = 1.0K
Rated Power
50A = 500 W
50B = 500 W
100 = 1,000 W
200 = 2,000 W
Series
Water Cooled High Power Resistor
SPECIFICATIONS
Model
RWC50A
RWC50B
RWC-100
RWC-200
Rated Power
500 W (250 W/resistor element)
500 W
1,000 W
2,000 W
Max. Applied Power
700 W (350 W/resistor element)
Resistance Range
Ω
0.10 ~ 1.0K
0.22 ~ 1.0K
0.22 ~ 1.0K
0.22 ~ 1.0K
EIA Values
All
All
All
All
TCR (ppm/°C)
±250
±250
±250
±250
Tolerance
±10%
±10%
±10%
±10%
Inductance
(typical)
Series: 40nH/Dual resistor
0.1uF
Capacitance
(typical)
Parallel: 160pF/dual resistor
300pF
600pF
1200pF
Hose Mouth
Standard: nipple
-
-
-
Water Temperature
+41°C max at inlet, > dew point
41°C*
41°C*
41°C*
Volume of Water Flow
2 litters/minute minimum
6 litters/min
6 litters/min
6 litters/min
Minimum Water Temp.
-
Over due point
Over due point
Over due point
Water Pressure Loss
0.06Kg/cm
2
0.1kgf/cm
2
0.1kgf/cm
2
0.1kgf/cm
2
Max. Water Pressure
-
10Kg/cm
2
10Kg/cm
2
10Kg/cm
2
Water Temperature Rise
1.4°C
1.4°C**
3.0°C**
6.0°C**
Case Temperature Rise
14°C
14°C
14°C
14°C
Surface Temperature Rise
50°C
50°C
50°C
50°C
Max. Surface Temp. Rise
110°C
110°C
110°C
110°C
Continuous Impulse Load
Peak Power 37kW/10 microsec./10kHz
(ref. only)
-
-
-
Damaged Impulse Load
100kW/70 microsec.
-
-
-
Terminal Codes
Teflon Insulated Wire (0.18/30, outer diameter 2mm, blue), 200mm length
-
-
-
Dielectric Strength
AC 2000V, 60 sec. (between terminal and case)
-
-
-
Max Operating Voltage
1000V AC
-
-
-
Withstanding Voltage
-
2000V AC
2000V AC
2000V AC
Insulation Resistance
1,000Meg ohm min. (between terminal and case)
-
-
-
Load Life
±2% (rating 500W, 1000 hours)
-
-
-
Humidity
±2% (rating x 0.1, 1000 hours continuous load)
-
-
-
Weight
350g
3kg
5kg
10kg
*at inlet
** at outlet at rated power
FEATURES
Small size 500W, 1Kw, and 2Kw water-cooled non-inductive
resistor with very low resistor temperature while in operation
Flat plate resistance and twisted pair leads and special terminal
structure (patent) have shown excellent surge absorption
performance
Resistors are insulated from case by high purity alumina
substrate, and are guaranteed voltage-proof to 5kV
APPLICATIONS
Surge suppression resistors for power thyristors and IGBT,
Power supply for electric power conversion system and
industrial apparatus
High output AC motor controls


Similar Part No. - RWC50A-101KB

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
RWC5050AK060-500 LSTD-RWC5050AK060-500 Datasheet
408Kb / 1P
Wireless charger for office
More results

Similar Description - RWC50A-101KB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
RCM10A-1R0FYB AAC-RCM10A-1R0FYB Datasheet
121Kb / 1P
HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RST15-A2X-R10-R10JZB AAC-RST15-A2X-R10-R10JZB Datasheet
155Kb / 3P
HIGH POWER RESISTOR - Non Inductive Chassis Mount, Screw Terminal
logo
MTU Onsite Energy Corpo...
DS1050D5S MTU-DS1050D5S Datasheet
1Mb / 4P
DIESEL GENERATOR SET WATER CHARGE-AIR COOLING
logo
List of Unclassifed Man...
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
Chassis mounting non-inductive high power resistors
TPL1200 ETC-TPL1200 Datasheet
2Mb / 1P
Chassis mounting non-inductive high power resistors
logo
MTU Onsite Energy Corpo...
MTU18V2000DS1290 MTU-MTU18V2000DS1290 Datasheet
1Mb / 4P
WATER CHARGE-AIR COOLING
logo
Vishay Siliconix
PR02-FS VISHAY-PR02-FS Datasheet
164Kb / 8P
High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
15-Feb-17
TWX VISHAY-TWX Datasheet
152Kb / 11P
Water Cooled RF Power Pot Capacitors, External Cooling System
04-Mar-2019
WCR VISHAY-WCR Datasheet
105Kb / 4P
Water Cooled Wirewound Resistor
16-Nov-17
logo
C&B ELECTRONICS (SHENZH...
HVLR RESI-HVLR Datasheet
438Kb / 1P
High Voltage Non-Inductive Resistor
2019/12/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com