Electronic Components Datasheet Search
  English  ▼

X  

SPL2141 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # SPL2141
Description  RF Power Splitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

SPL2141 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  SPL2141 Datasheet HTML 1Page - American Accurate Components, Inc. SPL2141 Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Splitters
Lc Splitter / Combiner In-Phase 0 deg.
Style No.
SPL0111
SPL1131
SPL0141
SPL1141
SPL2141
SPL4141
Frequency
Range [ MHz ]
10~450
10~700
45~1000
45~1000
45~1000
45~1000
In-Phase
Outputs
2 way
2 way
2 way
2 way
2 way
2 way
Case No.
01
11
01
11
21
41
Insertion
Loss [ dB ]
+1.2
−0
+1.2
−0
+2.0
−0
+2.0
−0
+2.0
−0
+2.0
−0
Power Balance
max. [ dB ]
0.5
0.5
0.5
0.5
0.5
0.5
VSWR
max.
1.4
1.5
2.0 Typ.
2.0 Typ.
2.0 Typ.
2.0 Typ.
Isolation
min. [ dB ]
25
20
18
18
18
18
Input Power
max. [ W ]
1
1
1
1
1
1
Pin No.
IN
OUT
⋅
Operating Temp. : −20 ~ +60 C
⋅
Other Pins : GND
Lc Splitter / Combiner In-Phase 90 deg.
Style No.
QPH0221
QPH0222
QPH0223
QPH0224
QPH9131
QPH9132
QPH9151
Frequency
Range [ MHz ]
50~90
80~120
120~220
200~400
500~900
800~1000
1300~2300
In-Phase
Outputs
2 way
2 way
2 way
2 way
2 way
2 way
2 way
Case No.
02
02
02
02
91
91
91
Insertion
Loss [ dB ]
+1.0
−0.5
+1.0
−0.5
+1.0
−0.5
+1.0
−0.5
+1.0
−0.5
+0.6
−0.3
+1.0
−0.5
Power Balance
max. [ dB ]
1.0
1.0
1.5
1.5
1.0
0.6
1.0
VSWR
max.
1.2
1.3
1.5
1.3
1.2
1.2
1.2
Phase
Balance
±3
±3
±4
±4
±2
±2
±2
Isolation
min. [ dB ]
20
18
15
20
20
20
20
Input Power
max. [ W ]
1
1
1
1
100
100
50
⋅
Operating Temp. : −20 ~ +60 C
⋅
Pin No. IN :
OUT :
50 Ω Termination :
⋅
Other Pins : GND
R Splitter In-Phase 0 deg.
Style No.
SPL1192
SPL2192
SPL2391
Frequency
Range [ MHz ]
DC~3000
DC~3000
DC~3000
In-Phase
Outputs
2 way
2 way
3 way
Case No.
11
21
23
Insertion
Loss [ dB ]
6.0±0.5
6.0±0.5
9.5±1.0
Power Balance
max. [ dB ]
0.5
0.5
1.0
VSWR
max.
1.2
1.2
1.3
Input Power
max. [ W ]
1
1
1
IN
Pin No.
OUT
SPL2491
SPL2591
SPL4192
SPL2191
SPL1191
SPL1291
DC~3000
DC~3000
DC~3000
DC~4000
DC~6000
DC~15000
4 way
5 way
2 way
2 way
2 way
2 way
24
25
41
21
11
12
12.0±1.0
14.0±1.5
6.0±0.5
6.0±0.5
6.0±0.5
6.0±1.0
1.0
1.0
0.5
0.5
0.5
0.5
1.3
1.3
1.2
1.3
1.3
1.3
1
1
1
1
1
0.5
Symmetry
Directional Coupler
Style No.
DCP0211
DCP0221
Frequency
Range [ MHz ]
15~500
15~500
Case No.
02
02
Coupling
[ dB ]
10.5±1
20.0±1
Insertion
Loss [ dB ]
1.5
1.0
VSWR
max.
1.3
1.3
Isolation
min. [ dB ]
25
25
Zo
50Ω
50Ω
Input Power
max. [ W ]
1
1
Pin No.
IN
CPL
OUT
⋅
Operating Temp. : −20 ~ +60 C
⋅
Other Pins : GND
Specifications of products are subject to change without notice.
American Accurate Components, Inc.
RF Power Splitter
The content of this specification may change without notification 11/08/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889


Similar Part No. - SPL2141

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SPL2100CTPT CHENMKO-SPL2100CTPT Datasheet
161Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SPL2141

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
Active RF Splitter
ADA4302-4 AD-ADA4302-4_05 Datasheet
230Kb / 12P
Active RF Splitter
9/05-Rev. SpA to Rev. B
logo
American Accurate Compo...
SPL1331 AAC-SPL1331 Datasheet
154Kb / 1P
RF Power Splitter/Combiner
SPL7151 AAC-SPL7151 Datasheet
283Kb / 1P
RF Power Splitter/Combiner
logo
Pulse A Technitrol Comp...
C4020NL PULSE-C4020NL Datasheet
81Kb / 2P
RF DIFFERENTIAL SPLITTER
logo
Analog Devices
ADA4302-4 AD-ADA4302-4_15 Datasheet
231Kb / 12P
Active RF Splitter
REV. B
logo
Pulse A Technitrol Comp...
CX4004LNL PULSE-CX4004LNL Datasheet
178Kb / 2P
RF SPLITTER, 2-WAY
CX4005NL PULSE-CX4005NL Datasheet
194Kb / 2P
RF SPLITTER, 2-WAY
CX4012LNL PULSE-CX4012LNL Datasheet
209Kb / 2P
RF SPLITTER, 2-WAY
CX4024NL PULSE-CX4024NL Datasheet
197Kb / 2P
RF SPLITTER, 2-WAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com