Electronic Components Datasheet Search
  English  ▼

X  

SC195EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC195EVB
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC195EVB Datasheet HTML 9Page - Semtech Corporation SC195EVB Datasheet HTML 10Page - Semtech Corporation SC195EVB Datasheet HTML 11Page - Semtech Corporation SC195EVB Datasheet HTML 12Page - Semtech Corporation SC195EVB Datasheet HTML 13Page - Semtech Corporation SC195EVB Datasheet HTML 14Page - Semtech Corporation SC195EVB Datasheet HTML 15Page - Semtech Corporation SC195EVB Datasheet HTML 16Page - Semtech Corporation SC195EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SC195
13
mode resumes. This can result in the switching frequency
being much lower than the PWM mode frequency.
If the output load current increases enough to cause V
OUT
to decrease below the PSAVE exit threshold (V
OUT
-2%), the
device automatically exits PSAVE and operates in continu-
ous PWM mode. Note that the PSAVE high and low
threshold levels are both set at or above V
OUT
to minimize
undershoot when the SC195 exits PSAVE. Figure 1 illus-
trates the transitions from PWM mode to PSAVE mode and
back to PWM mode.
VOUT
VOUT +2.5%
VOUT -2%
Load
Demand
(I
OUT)
BURST
OFF
VLX
Time
PWM Mode at
Medium/High
Load
PSAVE Mode at
Light Load
PWM Mode at
Medium/High
Load
PSAVE
EXIT
Figure 1 — Transitions Between PWM and PSAVE Modes
Protection Features
The SC195 provides the following protection features:
Soft-Start Operation
Over-Voltage Protection
Current Limit
Thermal Shutdown
Under-Voltage Lockout
Soft-Start
The soft-start sequence is activated after a transition from
an all zeros CTL code to a non-zero CTL code enables the
part. Soft-start is also activated by any overload event
that causes the part to shutdown until the overload goes
away. At start-up, the PMOS current limit is stepped
•
•
•
•
•
through four levels: 25%, 40%, 60%, and 100%. Each step
is maintained for 60μs following an internal reference
start up of 20μs, resulting in a total nominal start-up
period of 260μs. If V
OUT
reaches 90% of the target within
the first 2 steps, the chip continues in PSAVE mode at the
end of soft-start; otherwise, it goes into PWM mode. Note
the V
OUT
ripple in PSAVE mode can be larger than the
ripple in PWM mode.
Over-Voltage Protection
Over-voltage protection is provided to ensure the output
voltage does not rise to a level that could damage its
load. When V
OUT
exceeds the regulation voltage by 15%,
the PWM drive is disabled. Switching does not resume
until V
OUT
has fallen below the regulation voltage by 2%.
Current Limit
The SC195 switching stage is protected by a current limit
function. If the output load exceeds the PMOS current
limit for 32 consecutive switching cycles, the device
enters fold-back current limit mode and the output
current is limited to approximately 150mA. Under these
conditions, the output voltage will be the product of I
FB-LIM
and the load resistance. The load must fall below I
FB-LIM
for
the device to exit fold-back current limit mode. This func-
tion makes the device capable of sustaining an indefinite
short circuit on its output under fault conditions.
Thermal Shutdown
The SC195 has a thermal shutdown feature to protect the
device if the junction temperature exceeds 160°C. During
thermal shutdown, the PMOS and NMOS switches are
both disabled, tri-stating the LX output. When the junc-
tion temperature drops by the hysteresis value (20°C), the
device goes through the soft-start process and resumes
normal operation.
Under-Voltage Lockout
Under-Voltage Lockout (UVLO) is enabled when the
supply voltage drops below the UVLO threshold. This
prevents the device from entering an ambiguous state in
which regulation cannot be maintained. Hysteresis of
approximately 200mV is included to prevent chattering
near the threshold.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com