Electronic Components Datasheet Search
  English  ▼

X  

SC656ULTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC656ULTRT
Description  Backlight Driver for 7 LEDs with Charge Pump and PWM Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC656ULTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC656ULTRT Datasheet HTML 9Page - Semtech Corporation SC656ULTRT Datasheet HTML 10Page - Semtech Corporation SC656ULTRT Datasheet HTML 11Page - Semtech Corporation SC656ULTRT Datasheet HTML 12Page - Semtech Corporation SC656ULTRT Datasheet HTML 13Page - Semtech Corporation SC656ULTRT Datasheet HTML 14Page - Semtech Corporation SC656ULTRT Datasheet HTML 15Page - Semtech Corporation SC656ULTRT Datasheet HTML 16Page - Semtech Corporation SC656ULTRT Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SC656
3
Applications Information (continued)
Table 2 — Backlight Bank Configuration Settings
Bank 2
Bank 1
Main Bank
Sub Bank
0
0
BL — BL7
none
0

BL2 — BL7
BL

0
BL3 — BL7
BL — BL2


BL4 — BL7
BL — BL3
LED Backlight Current Sinks
The full scale backlight current (I
FS_BL) is set via the current
through the ISET pin controlling the corresponding LED
bank (ISETM or ISETS) . The I
FS_BL is regulated to the value
of the ISETM or ISETS pin current multiplied by an internal
gain of 00A/A. R
ISETM and RISETS are used to control the
current into the ISETM and ISETS pins. The relationship
between each resistance R
ISETx and the full scale backlight
current is:
R
ISETx = 00/IFS_BL
All backlight current sinks have matched currents, even
when there is a variation in the forward voltages (∆V
F ) of
the LEDs. A ∆V
F of .0V is supported when the input
voltage is at 2.9V. Higher ∆V
F LED mis-match is supported
when V
IN is higher than 2.9V. All current sink outputs are
compared and the lowest output is used for setting the
voltage regulation at the OUT pin. This is done to ensure
that sufficient bias exists for all LEDs.
Any unused LED driver outputs must be left open for
normal operation.
PWM Operation
A PWM signal on the ENM or ENS pin can be used to
adjust the DC current through the LEDs. When the duty
cycle is 00%, the backlight current through each LED (I
BL)
equals the full scale current set by the corresponding ISET
pin. As the duty cycle decreases, the ENM or ENS input
samples the control signal and converts the duty cycle to
a DC current level. In conventional PWM controlled
systems, the output current pulses on and off with the
PWM input to achieve an average output current.
Providing a DC current through the LEDs instead of a
pulsed current provides an efficiency advantage over
other PWM controlled systems by allowing the charge
pump to remain in x mode longer since the maximum
current is equal to the average current.
PWM Sampling
The sampling system that translates the PWM signal to
a DC current requires the ENM and ENS pins to have a
minimum high time t
HIGH_MIN to set the DC level. High
time less than t
HIGH_MIN impacts the accuracy of the target
I
BL. The minimum duty cycle needed to support the
minimum high time specification varies with the applied
PWM frequency (see figure ). Note that use of a lower
PWM frequency, from 200Hz to 0kHz, will support
lower minimum duty cycle and an extended backlight
dimming range.
0
1
2
3
4
5
0.2
10
20
30
40
50
PWM Frequency (kHz�
tHIGH_MIN = 1µs
Figure 1 — Minimum Duty Cycle
Shutdown Mode
Shutdown occurs after ENM and ENS are both held low
for an interval of 5ms or more. When the ENM and ENS
pins are both held low for 5ms or less, the device will not
shutdown.
Protection Features
The SC656 provides several protection features to safe-
guard the device from catastrophic failures.These features
include:
Output Open Circuit Protection
Over-Temperature Protection
Charge Pump Output Current Limit
LED Float Detection
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com