Electronic Components Datasheet Search
  English  ▼

X  

SC4437 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4437
Description  Wide Input Voltage Range Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4437 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4437 Datasheet HTML 2Page - Semtech Corporation SC4437 Datasheet HTML 3Page - Semtech Corporation SC4437 Datasheet HTML 4Page - Semtech Corporation SC4437 Datasheet HTML 5Page - Semtech Corporation SC4437 Datasheet HTML 6Page - Semtech Corporation SC4437 Datasheet HTML 7Page - Semtech Corporation SC4437 Datasheet HTML 8Page - Semtech Corporation SC4437 Datasheet HTML 9Page - Semtech Corporation SC4437 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.semtech.com
© 2009 Semtech Corp.
SC4437
6
Typical Waveforms
Minimum Input - Output Voltage Di erential
Minimum Input-Output Voltage Differential
0
5
10
15
20
00.5
1
1.5
2
Input-Output Voltage (V)
25 °C
125 °C
-55 °C
Supply Current vs Input Voltage
Supply Current vs Input Voltage
50
60
70
80
90
100
110
120
130
140
150
05
101520
Input Voltage (V)
25 °C
125 °C
-55 °C
Load Regulation - Sourcing
Load Regulation, Sourcing
-30
-20
-10
0
10
05
101520
Output Current (mA)
25 °C
125 °C
-55 °C
Load Regulation - Sinking
Load Regulation, Sinking
-20
30
80
130
180
00.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
Output Current (mA)
25 °C
125 °C
-55 °C
Line Regulation
3.26
3.27
3.28
3.29
3.3
3.31
05
1015
20
Input Voltage (V)
25 °C
125 °C
-55 °C
Power Supply Rejection Ratio vs Frequency
1
10
100
0.1
1101001000
Frequency (KHz)
Line Regulation
Power Supply Rejection Ratio vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com