Electronic Components Datasheet Search
  English  ▼

X  

5051. Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5051.
Description  Breakout: BNC (Female) To #8 Spade Lugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5051. Datasheet(HTML) 1 Page - Pomona Electronics

  5051. Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 5051
Breakout: BNC (Female) To
#8 Spade Lugs
Sales: 800-490-2361 Fax: 888-403-3360 Technical Assistance: 800-241-2060
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Page 1 of 1
Rev: 100
D1094267
FEATURES:
Converts BNC (male) cables / connectors to a #8 spade lug connector for terminal strip attachment.
BNC connector is molded directly to the wire for pull strength durability and dust and moisture resistance.
BNC shell is tarnish resistant.
BNC center contact is gold plated Beryllium Copper for excellent electrical connection.
Black wire is connected to BNC shell, red wire to BNC center contact.
MATERIALS:
BNC: Nickel Plated Brass, Center Contact: Gold Plated Beryllium Copper
Dielectric: PTFE
Wire: 20 AWG, PVC
#8 Spade Lug: Tin-plated copper alloy
Lug Insulation: Vinyl, color matches color of wire
RATINGS:
Operating Voltage: Hands free testing in controlled voltage environments: 500VRMS Max.
Operating Temperature: +131°F (+55°C) Max.
ORDERING INFORMATION: Model 5051
* Custom lengths are available, contact Pomona Product Support at: 1-800-241-2060


Similar Part No. - 5051.

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
5051 TIME-ELECTRONICS-5051 Datasheet
542Kb / 2P
5051Plus Multifunction Calibration System
12/21
logo
Molex Electronics Ltd.
5051-02 MOLEX2-5051-02 Datasheet
127Kb / 2P
2.50mm (.098) Pitch KK짰 Wire-to-Board Housing, Female, Friction Lock, for 2759/5159 Crimp Terminals, 2 Circuits
5051-03 MOLEX2-5051-03 Datasheet
127Kb / 2P
2.50mm (.098) Pitch KK짰 Wire-to-Board Housing, Female, Friction Lock, for 2759/5159 Crimp Terminals, 3 Circuits
5051-04 MOLEX2-5051-04 Datasheet
127Kb / 2P
2.50mm (.098) Pitch KK짰 Wire-to-Board Housing, Female, Friction Lock, for 2759/5159 Crimp Terminals, 4 Circuits
5051-05 MOLEX2-5051-05 Datasheet
127Kb / 2P
2.50mm (.098) Pitch KK짰 Wire-to-Board Housing, Female, Friction Lock, for 2759/5159 Crimp Terminals, 5 Circuits
More results

Similar Description - 5051.

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9956 PASTERNACK-PE9956 Datasheet
115Kb / 1P
BREAKOUT CRIMP ON FOR RG58 #8 SPADE LUGS
PE9965 PASTERNACK-PE9965 Datasheet
89Kb / 1P
BREAKOUT CRIMP ON FOR RG59 #8 SPADE LUGS
PE9906 PASTERNACK-PE9906 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO #8 SPADE LUGS
PE9907 PASTERNACK-PE9907 Datasheet
111Kb / 1P
BREAKOUT, BNC MALE TO INSULATED SPADE LUGS
PE9909 PASTERNACK-PE9909 Datasheet
109Kb / 1P
BREAKOUT, BNC FEMALE TO STADARD ALLIGATOR CLIPS
PE9911 PASTERNACK-PE9911 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO STACKING TIP PLUGS
PE9915 PASTERNACK-PE9915 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO #8 SPADE LUGS
PE9916 PASTERNACK-PE9916 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO INSULATED SPADE LUGS
PE9957 PASTERNACK-PE9957 Datasheet
117Kb / 1P
BREAKOUT, CRIMP ON FOR RG58, INSULATED SPADE LUGS
PE9966 PASTERNACK-PE9966 Datasheet
88Kb / 1P
BREAKOUT, CRIMP ON FOR RG59, INSULATED SPADE LUGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com