Electronic Components Datasheet Search
  English  ▼

X  

5113 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5113
Description  Connector Audio, Wall Mount, Female, 3 & 5 Conductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5113 Datasheet(HTML) 1 Page - Pomona Electronics

  5113 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90619 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5113_5129_1_01.doc
Page 1 of
1
Model 5113 & 5129
Connector Audio, Wall Mount,
Female, 3 & 5 Conductor
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Model 5113 Mates to Model # 5110 straight cord male plug.
• Model 5129 Mates to Model # 5126 straight cord male plug.
• Wall or Floor mount receptacle.
• Model 5113 will accept standard 3 pin XLR male plugs.
• Model 5129 will accept standard 5 pin XLR male plugs.
• Durable Zinc Alloy housing.
• Accepts up to 14 AWG wire.
MATERIALS:
Housing: Zinc Alloy with a nickel finish
Contacts: Bronze with a Tin finish
Ground Tag: Steel
Insulator: Black Polyester
RATINGS:
Operating Voltage: 133 VRMS/DC.
Current: 15 Amperes.
ORDERING INFORMATION: Models 5113, 5129


Similar Part No. - 5113

ManufacturerPart #DatasheetDescription
logo
Hutchinson Paulstra
511308 PAULSTRA-511308 Datasheet
190Kb / 4P
RADIAFLEX
511308 PAULSTRA-511308 Datasheet
284Kb / 5P
STOPS
511310 PAULSTRA-511310 Datasheet
190Kb / 4P
RADIAFLEX
511310 PAULSTRA-511310 Datasheet
284Kb / 5P
STOPS
511312 PAULSTRA-511312 Datasheet
190Kb / 4P
RADIAFLEX
More results

Similar Description - 5113

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5110 POMONA-5110 Datasheet
26Kb / 1P
Connector Audio, Straight Cord, Male, 3&5 Conductor
5117 POMONA-5117 Datasheet
23Kb / 1P
Connector Audio, Wall Mount, Male, 3 & 5 Conductor
logo
Power Systems GmbH+Co.K...
WN05-050B POWER-SYSTEMS-WN05-050B Datasheet
826Kb / 1P
AC-DC WALL / DESKTOP 5 Watt Wall Mount AC Adapter
logo
Glenair, Inc.
180-040 GLENAIR-180-040 Datasheet
259Kb / 3P
Wall Mount Receptacle Connector
logo
Tensility International...
50-00043 TENSILITY-50-00043 Datasheet
385Kb / 2P
Connector, 6.3xL50.8 mm 3 conductor audio plug, Au plated, molding style
logo
Volgen Kaga Electronics...
KTPS05-03015U VOLGEN-KTPS05-03015U Datasheet
385Kb / 2P
5 Watt Universal Input, Wall Mount Adapter
KTPS05-03015U-VI VOLGEN-KTPS05-03015U-VI Datasheet
401Kb / 2P
5 Watt Universal Input, Wall Mount Adapter
KTPS05-03315U-VI VOLGEN-KTPS05-03315U-VI Datasheet
93Kb / 2P
5 Watt Universal Input, Wall Mount Adapter
logo
Qualtek Electronics Cor...
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
5 Watts Single Output Wall Mount
logo
Volgen Kaga Electronics...
KTPS05-07510U VOLGEN-KTPS05-07510U Datasheet
385Kb / 2P
5 Watt Universal Input, Wall Mount Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com