Electronic Components Datasheet Search
  English  ▼

X  

5167 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5167
Description  Do-It-Yourself In-Line Banana Jack With Flexible Boot
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5167 Datasheet(HTML) 1 Page - Pomona Electronics

  5167 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90624 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5167_1_01.doc
Page 1 of
1
Model 5167
Do-It-Yourself In-Line Banana
Jack With Flexible Boot
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• This in-line banana jack is ideal for making patch cords and field repairs.
• A snap-on two piece design allows the wire to be crimped or soldered to the banana jack
• Part will accept 18, 20, 22 AWG wire, crimp or solder connection.
• Use with Model #5169 to build a custom extension cable.
MATERIALS:
Body: Brass per QQ-B-626, Alloy 360, ½ Hard.
Insulation: Flexible PVC.
Marking: “POMONA”
Finish: Body – Nickel plated per QQ-N-290, Class 2, 200/300 micro-inches.
RATINGS: (Independent of Wire)
Operating Temperature: +50
°C.(+122°F.) Max.
Voltage: Hand-held testing: 30VAC/60VDC Max.
Hands free testing in controlled voltage environments: 5000 WVDC Max.
Current: 15 Amperes
ORDERING INFORMATION: Model 5167-*
*= Color, -0 Black, -2 Red
Ordering Example: 5167-0, Color is Black
Other colors available on special request.


Similar Part No. - 5167

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5167-0 3M-5167-0 Datasheet
24Kb / 2P
Do-It-Yourself In-Line Banana Jack With Flexible Boot
09-Jun-1999
5167-02 3M-5167-02 Datasheet
24Kb / 2P
Do-It-Yourself In-Line Banana Jack With Flexible Boot
09-Jun-1999
5167-2 3M-5167-2 Datasheet
24Kb / 2P
Do-It-Yourself In-Line Banana Jack With Flexible Boot
09-Jun-1999
logo
Murata Manufacturing Co...
516786 MURATA-516786 Datasheet
481Kb / 17P
Filters for Communication Equipment
logo
List of Unclassifed Man...
5167MTH1R ETC2-5167MTH1R Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 5167

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3690 POMONA-3690 Datasheet
26Kb / 1P
Do-It-Yourself Solder Type Miniature Banana Plug
4933 POMONA-4933 Datasheet
23Kb / 1P
Do-It-Yourself In-Line Sheathed Banana Plug
4934 POMONA-4934 Datasheet
43Kb / 1P
Do-It-Yourself In-Line Sheathed Banana Jacks
5168 POMONA-5168 Datasheet
22Kb / 1P
Do-It-Yourself In-Line Banana Jack With Flexible Boot
5169 POMONA-5169 Datasheet
22Kb / 1P
Do-It-Yourself In-Line Banana Plug With Flexible Boot
5170 POMONA-5170 Datasheet
22Kb / 1P
Do-It-Yourself In-Line Banana Plug With Flexible Boot
5936 POMONA-5936 Datasheet
35Kb / 1P
Do-It Yourself Solder Type 2mm Banana Plug
1325-6 POMONA-1325-6 Datasheet
27Kb / 2P
Do-It-Yourself Banana Plug, Solderless Stackable Type For Standard Banana Jacks
logo
3M Electronics
5167-2 3M-5167-2 Datasheet
24Kb / 2P
Do-It-Yourself In-Line Banana Jack With Flexible Boot
09-Jun-1999
5936-0 3M-5936-0 Datasheet
35Kb / 1P
Do-It Yourself Solder Type 2mm Banana Plug
Rev A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com