Electronic Components Datasheet Search
  English  ▼

X  

HT7612 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7612
Description  General Purpose PIR Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7612 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7612 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HT7612
Rev. 1.00
4
November 12, 2009
Functional Description
The following gives a description of the functional pins
on the device.
TEST
The TEST pin is an output which is used to test the 32
KHz system frequency. Note that the pin is a shared
TEST/SC pin. The TEST output pin can be used within 1
second after power-on.
SC
The SC pin is an output pin which is used to for LVD and
CDS detection. Note the pin is a shared TEST/SC pin.
The SC pin can be used 1 second after power-on.
DT
The DT pin is a delay time oscillator input pin. It is con-
nected to an external RC to obtain the desired output
turn-on duration. Variable output turn-on durations can
be achieved by selecting various values of RC or using
a variable resistor. The DT structure is shown as Fig.1.
BUZ/BUZ
The BUZ & BUZ pins are both CMOS output structures.
They will output 4 beep sounds within 1second to indi-
cate that the warm-up time has completed. These differ-
ential output pins can be used to drive a piezo buzzer.
The BUZ/BUZ structure are shown in Fig.2.
RELAY
The RELAY pin is a CMOS output structure which is nor-
mally low and active high. The high duration is con-
trolled by the delay time oscillator and the MODE pin.
The RELAY pin structure is shown in Fig.3.
TRIAC
TRIAC pin is a CMOS output structure which will output
a series of pulses when active. The pulse train synchro-
nised by the ZC (zero crossing) input. The active dura-
tion is controlled by the delay time oscillator and the
MODE pin. The TRIAC structure is shown in Fig.4.
V R E F
D T
S R
F F I
C o m p
C o m p
O s c i l l a t o r
C L K
_
+
_
+
Fig.1 DT Oscillator Structure
B U Z / L V D
B U Z / C D S
Fig.2 Buzzer Pin Drive Buzzer
V D D
R E L A Y / L E D
1 0 k W
L O A D
A C
R E L A Y
8 0 5 0
Fig.3 RELAY Pin Drive RELAY
T R I A C
1 0 k W
L O A D
A C
T R I A C
0 . 1 m F ~ 0 . 4 7 m F
Fig.4 TRIAC Pin Drive TRIAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com