Electronic Components Datasheet Search
  English  ▼

X  

OP284ARPLE Datasheet(PDF) 2 Page - Maxwell Technologies

Part # OP284ARPLE
Description  Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP284ARPLE Datasheet(HTML) 2 Page - Maxwell Technologies

  OP284ARPLE Datasheet HTML 1Page - Maxwell Technologies OP284ARPLE Datasheet HTML 2Page - Maxwell Technologies OP284ARPLE Datasheet HTML 3Page - Maxwell Technologies OP284ARPLE Datasheet HTML 4Page - Maxwell Technologies OP284ARPLE Datasheet HTML 5Page - Maxwell Technologies OP284ARPLE Datasheet HTML 6Page - Maxwell Technologies OP284ARPLE Datasheet HTML 7Page - Maxwell Technologies OP284ARPLE Datasheet HTML 8Page - Maxwell Technologies OP284ARPLE Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
All data sheets are subject to change without notice
©2009 Maxwell Technologies
All rights reserved.
Dual Operational Amplifier
OP284A
07.16.09 Rev 2
TABLE 1. FLAT PACK PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1, 7
OUT A, B
Outputs
2, 6
-IN A, B
Negative Inputs
3, 5
+IN A, B
Positive Inputs
4
V-
Ground
8
V+
Supply Voltage
TABLE 2. LEADLESS CHIP CARRIER (LCC) PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1, 13
OUT A, B
Outputs
3, 11
-IN A, B
Negative Inputs
5, 9
+IN A, B
Positive Inputs
7
V-
Ground
15
V+
Supply Voltage
TABLE 3. OP284A ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
V
CC
--
±18
V
Input Voltage
V
I
--
±18
V
Differential Input Voltage1
1. For input voltages greater than 0.6 volts, the input current should be limited to less 5 mA to prevent degradation or destruction of
the input devices.
V
DIF
--
±0.6
V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature
T
S
-65
+150
°C
Operating Temperature
T
A
-40
+125
°C
Junction Temperature
T
J
-65
+150
°C
Package Weight
--
0.75
Grams
Thermal Impedance
Θ
JC
--
6.48
°C/W
TABLE 4. DELTA LIMITS
PARAMETER
VARIATION
I
CC
±10% of specified value in Table 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com