Electronic Components Datasheet Search
  English  ▼

X  

5255 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5255
Description  Die Cast Box, With Card Guides Size J, Unpainted
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5255 Datasheet(HTML) 1 Page - Pomona Electronics

  5255 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90325
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5255_1_01.doc
Page 1 of
1
Model 5255
Die Cast Box,
With Card Guides Size J, Unpainted
Sal es: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Die Cast Box:
Aluminum, die cast, Alloy 380 or A384
Finish: None
Marking: “POMONA ELECTRONICS, CALIF”
Cover:
1.60 (.063) thick aluminum, Alloy 1100-H14
Finish: Clear anodized
Marking: None
Screws:
4 each 2-32 X 6.35 (.25) long, pan head, slotted, self-tapping
Steel
RATINGS:
Operating Temperature: -55°C. to +150°C. (-67°F. to +302°F.)
ORDERING INFORMATION: Model 5255


Similar Part No. - 5255

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
5255425 FESTO-5255425 Datasheet
99Kb / 2P
Servo motor
5255426 FESTO-5255426 Datasheet
100Kb / 2P
Servo motor
5255427 FESTO-5255427 Datasheet
101Kb / 3P
Servo motor
5255428 FESTO-5255428 Datasheet
102Kb / 3P
Servo motor
5255429 FESTO-5255429 Datasheet
99Kb / 2P
Servo motor
More results

Similar Description - 5255

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3601 POMONA-3601 Datasheet
48Kb / 1P
Die Cast Aluminum Box Painted, Size ?쏡?
3743 POMONA-3743 Datasheet
25Kb / 1P
Unpainted Shielded Housing, 6??High With Card Guides
3850 POMONA-3850 Datasheet
698Kb / 1P
Thermoplastic Box With Card Guides & Cover
4226 POMONA-4226 Datasheet
27Kb / 1P
E Size, Die Cast Aluminum Box, With Cover And Card Guides
4384 POMONA-4384 Datasheet
23Kb / 1P
Thermoplastic Box With Card Guides
4655 POMONA-4655 Datasheet
25Kb / 1P
Die Cast Aluminum Box, J Size W/Card Guides
4903 POMONA-4903 Datasheet
32Kb / 1P
Die Cast Aluminum Box, L Size W/Card Guides
5186 POMONA-5186 Datasheet
26Kb / 1P
Shielded Black Box ?쏣??Size, Unpainted
5203 POMONA-5203 Datasheet
24Kb / 1P
Die Cast Box With Card Guides Size L, Unpainted
logo
Alpha Wire
905 ALPHAWIRE-905 Datasheet
167Kb / 3P
M12?륚 Die Cast Passive I/O Box
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com