Electronic Components Datasheet Search
  English  ▼

X  

OP220GP Datasheet(PDF) 1 Page - Maxwell Technologies

Part # OP220GP
Description  Dual Micropower Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP220GP Datasheet(HTML) 1 Page - Maxwell Technologies

  OP220GP Datasheet HTML 1Page - Maxwell Technologies OP220GP Datasheet HTML 2Page - Maxwell Technologies OP220GP Datasheet HTML 3Page - Maxwell Technologies OP220GP Datasheet HTML 4Page - Maxwell Technologies OP220GP Datasheet HTML 5Page - Maxwell Technologies OP220GP Datasheet HTML 6Page - Maxwell Technologies OP220GP Datasheet HTML 7Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
Dual Micropower
Operational Amplifier
©2002 Maxwell Technologies
All rights reserved.
OP220
08.15.02 REV 3
FEATURES:
• RAD-PAK® Technology
• - Total Dose Hardness > 100 Krads(Si)
• Package:
- 8 Pin RAD-PAK® Flat Package
• Excellent TCV
OS
-21uV/C MAX
• Low Input Offset Voltage:
-150mV Max
• Low Supply Current:
-100mA
• Single Supply Operation:
-+5 to +30 Volts
• Low Input Offset Voltage Drift
-0.75uV/C
• High Open Loop Gain:
-2000V/mV
• Low Input Bias Current
• Wide Common Mode Voltage Range
DESCRIPTION: The OP220RP (RP for
RAD-PAK®) monolithic dual operational
amplifier microcircuit features a minimum
100 kilorad (Si) total dose tolerance. Using
Maxwells radiation hardened RAD-PAK®
packaging technology, the OP220RP can be
used either in single or dual supply opera-
tion. The OP220RP is the first micropower
precision dual operational amplifier capable
of surviving space environments. The
OP220RP is ideal for satellite, spacecraft,
and space probe missions. The patented
radiation hardened RAD-PAK® technology
incorporates radiation shielding in the micro-
circuit package. It eliminates the need for-
box shielding while providing a lifetime in
orbit. This product is available in Class E, I,
B and S screening.
Logic Diagram
V+
OUT B
-IN B
+IN B
OUT A
-IN A
+IN A
V-
OP220


Similar Part No. - OP220GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP220GP AD-OP220GP Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
OP220GP AD-OP220GP Datasheet
368Kb / 12P
Dual Micropower Operational Amplifier
REV. A
OP220GP AD-OP220GP Datasheet
1Mb / 12P
Dual Micropower Operational Amplifier
REV. A
More results

Similar Description - OP220GP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
CMOS Dual Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
OP-220 AD-OP-220 Datasheet
434Kb / 8P
DUAL MICROPOWER OPERATIONAL AMPLIFIER
OP220 AD-OP220 Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
Dual Micropower Operational Amplifier
REV. A
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
LMC6042 CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220_15 Datasheet
1Mb / 12P
Dual Micropower Operational Amplifier
REV. A
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com