Electronic Components Datasheet Search
  English  ▼

X  

5286 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5286
Description  Connector BNC (M), Crimp, RG 59
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5286 Datasheet(HTML) 1 Page - Pomona Electronics

  5286 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches and metric. All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
7/2/02 SY/EH/LS
PomonaACCESS 90118 (800) 444-6785 or (425) 446-6010
Last saved by Laura Goldberg
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet \d5286_1_02.doc
Page 1 of 1
Model 5286
Connector BNC (M),
Crimp, RG 59
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Connector accepts types RG/U: 59, 59A, 59B, 62, 62A, 62B, 62C, and 210.
• Connector meets interface requirements of MIL-STD-348.
MATERIALS:
Body: Brass, Tarnish Resistant Plating
Center Contact: Male: Gold Plated Brass
Female: Gold Plated Beryllium Copper
Gasket – Silicone Rubber
Dielectric: PTFE
Marking: “POMONA 5286”
RATINGS:
Operating Voltage: 500 VRMS Max.
Nominal Impedance: 75 Ohms
ORDERING INFORMATION: Model 5286


Similar Part No. - 5286

ManufacturerPart #DatasheetDescription
logo
Desoutter Industrial To...
52862 DESOUTTER-52862 Datasheet
2Mb / 20P
Balancers DU series
logo
Alpha Wire
5286C ALPHAWIRE-5286C Datasheet
80Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
More results

Similar Description - 5286

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6702A POMONA-6702A Datasheet
51Kb / 2P
HDTV, 75 Ohm BNC Connector for RG-59/U
6704A POMONA-6704A Datasheet
51Kb / 2P
HDTV, 75 Ohm BNC Connector for RG-59/U
logo
Molex Electronics Ltd.
73100-0002 MOLEX11-73100-0002 Datasheet
34Kb / 1P
75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
0731000002 MOLEX11-0731000002 Datasheet
65Kb / 1P
75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
0731713180 MOLEX11-0731713180 Datasheet
52Kb / 1P
75 Ohms, BNC Plug, Crimp, RG-59 and RG-62 Cable, Captive Center Contact, Bag
0731714220 MOLEX11-0731714220 Datasheet
30Kb / 1P
75 Ohms, BNC Right-Angle Plug, Crimp, RG-59 and RG-62 Cable,
0731740113 MOLEX11-0731740113 Datasheet
53Kb / 1P
75 Ohms, BNC Plug, Crimp, RG-59 and RG-62 Cable, Captive Center Contact
0731000016 MOLEX11-0731000016 Datasheet
30Kb / 1P
75 Ohms, BNC Right-Angle Plug, Crimp, RG-59 and RG-62 Cable, Solder Center
0731000002 MOLEX-0731000002_V01 Datasheet
58Kb / 1P
75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
0731713180 MOLEX-0731713180 Datasheet
41Kb / 1P
75 Ohms, BNC Plug, Crimp, RG-59 and RG-62 Cable, One Piece Per Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com