Electronic Components Datasheet Search
  English  ▼

X  

RHP-50C-R10FZT Datasheet(PDF) 6 Page - American Accurate Components, Inc.

Part # RHP-50C-R10FZT
Description  HIGH POWER RESISTOR - 20W to 140W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RHP-50C-R10FZT Datasheet(HTML) 6 Page - American Accurate Components, Inc.

  RHP-50C-R10FZT Datasheet HTML 1Page - American Accurate Components, Inc. RHP-50C-R10FZT Datasheet HTML 2Page - American Accurate Components, Inc. RHP-50C-R10FZT Datasheet HTML 3Page - American Accurate Components, Inc. RHP-50C-R10FZT Datasheet HTML 4Page - American Accurate Components, Inc. RHP-50C-R10FZT Datasheet HTML 5Page - American Accurate Components, Inc. RHP-50C-R10FZT Datasheet HTML 6Page - American Accurate Components, Inc. RHP-50C-R10FZT Datasheet HTML 7Page - American Accurate Components, Inc. RHP-50C-R10FZT Datasheet HTML 8Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – 20W to 140W
The content of this specification may change without notification 12/07/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
6
RHP-50A
RHP-50A-1000FY with 0.71C/W heat sink
RHP-50A-1000FY with 0.71 C/W heat sink



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com