Electronic Components Datasheet Search
  English  ▼

X  

5689A Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5689A
Description  Replaceable Tip Test Probe With Banana Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5689A Datasheet(HTML) 1 Page - Pomona Electronics

  5689A Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 5689A
Replaceable Tip Test Probe
With Banana Jack
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 1
D1101689
Page 1 of 1
FEATURES:
Modular Test Probe
Replaceable tip
Comes with two Stainless-Steel Sharp Point Tips: Model 4172
MATERIALS:
Replaceable Tip Probe: Stainless Steel
Tip O.D.: 0.080”
Body: Nylon
RATINGS:
Operating Voltage: 600 Vrms per IEC2020-2-031, Category III.
Operating Current: 10 Amperes
ORDERING INFORMATION:
Model 5689A
Replaceable Tips:
Model 5688: Standard
Model 4172: Stainless-Steel Sharp Point
Model 5133: SMD Microtip, Stainless-Steel Sharp Point
Model 4988: Needle Stainless-Steel Sharp Point
Model 6364: Set of tips
Modular Test Leads:
Model 5907A: Right-Angle Banana Plug to Straight Banana Plug
Model 5908A: Straight Banana Plug to Straight Banana Plug
Model 5909A: Right-Angle Banana Plug to Right-Angle Banana Plug


Similar Part No. - 5689A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
5689 KSS-5689 Datasheet
525Kb / 2P
Board to Board Connector
logo
Alpha Wire
5689 ALPHAWIRE-5689 Datasheet
412Kb / 4P
26 (7/34) AWG Tinned Copper
logo
List of Unclassifed Man...
56891BLK ETC-56891BLK Datasheet
5Mb / 7P
Masterseal Plus™
56892BLK ETC-56892BLK Datasheet
5Mb / 7P
Masterseal Plus™
56893BLK ETC-56893BLK Datasheet
5Mb / 7P
Masterseal Plus™
More results

Similar Description - 5689A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5133 POMONA-5133 Datasheet
28Kb / 1P
Test Lead Replaceable Micro Tip
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
5906A POMONA-5906A Datasheet
22Kb / 1P
Modular Test Probe Handle With Banana Plug Tip
5950A POMONA-5950A Datasheet
39Kb / 1P
Test Probe Set Replaceable Tip
5951A POMONA-5951A Datasheet
38Kb / 1P
Test Probe Set Replaceable Tip
5952A POMONA-5952A Datasheet
38Kb / 1P
Adjustable Tip Test Probe Set
6341 POMONA-6341 Datasheet
147Kb / 2P
Replaceable Tip Precision Electronic Probe
6477 POMONA-6477 Datasheet
42Kb / 1P
Replaceable Tip Test Probe Set
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
10-Jul-2002
logo
List of Unclassifed Man...
BU-26103-0 ETC2-BU-26103-0 Datasheet
210Kb / 1P
Test Probe with 4mm Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com