Electronic Components Datasheet Search
  English  ▼

X  

6331 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6331
Description  Patch Cord Dual Bantam Plug To Dual Bantam Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6331 Datasheet(HTML) 1 Page - Pomona Electronics

  6331 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90704 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d6331_1_01.doc
Page 1 of
1
Model 6331
Patch Cord Dual Bantam
Plug To Dual Bantam Plug
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Shielded cable to reduce noise
• Provides a quick connection between dual Bantam Jacks
• Dual Bantam Plugs are molded to the cable for optimum durability
MATERIALS:
Plugs – Nickel plated brass
Cable – 4 Conductor shielded twisted pair, PVC jacket and insulation
RATINGS:
Operating Temperature: -20°C to +80°C
Operating Voltage: 300 VRMS Max.
Current: 3.36 Amperes @ 25°C Max.
Nominal Capacitance Shield to Conductor: 250pf
Nominal Capacitance Between Conductors: 150pf
ORDERING INFORMATION: Model 6331-96
Standard Length 96 Inches (2134 mm)


Similar Part No. - 6331

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63314A106 MOLEX11-63314A106 Datasheet
23Kb / 1P
0011405249
63315A108 MOLEX11-63315A108 Datasheet
20Kb / 1P
Insulation Punch
63315A111 MOLEX11-63315A111 Datasheet
20Kb / 1P
Anvil Mounting Block
logo
Tyco Electronics
6331959-1 MACOM-6331959-1 Datasheet
8Mb / 320P
RF Coax Products
More results

Similar Description - 6331

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4279 POMONA-4279 Datasheet
35Kb / 1P
Bantam Plug Cable Assembly
4280 POMONA-4280 Datasheet
48Kb / 1P
Bantam Miniature Phone Plug
4719 POMONA-4719 Datasheet
25Kb / 1P
BNC (Female) To Bantam Plug Adapter
5001 POMONA-5001 Datasheet
21Kb / 1P
Adapter, Binding Posts To Miniature (Bantam) Plug
5026 POMONA-5026 Datasheet
42Kb / 1P
Bantam Plug (Miniature Phone Plug) To Alligator Clips
6323 POMONA-6323 Datasheet
24Kb / 1P
Bantam Plug (Miniature Phone Plug) To RJ11
6324 POMONA-6324 Datasheet
32Kb / 1P
Bantam Plug To RJ45 / RJ48
6484 POMONA-6484 Datasheet
43Kb / 2P
Telecom 5 Way Alligator to Bantam Plug
6523 POMONA-6523 Datasheet
40Kb / 1P
Bantam/Double Banana Plug Cable
5026N-60 POMONA-5026N-60 Datasheet
42Kb / 1P
Bantam Plug (Miniature Phone Plug) To Alligator Clips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com