Electronic Components Datasheet Search
  English  ▼

X  

6366 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6366
Description  Test Lead Set Probe To Retractable Sheath
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6366 Datasheet(HTML) 1 Page - Pomona Electronics

  6366 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona
®
6
Model 6366
Test Lead Set Probe To
Retractable Sheath
USA: Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (.51 mm),
.xxx = ± .005” (.127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
D2003388 REV 001
FEATURES:
•Fits most Fluke, Amprobe, H-P, Tektronix, Keithley, Amprobe and Wavetek DMM’s with a retractable
sheath banana jack.
•
Probe body incorporates a two step mold process. First step is Polypropylene for probe rigidity. Second
step is Santoprene® rubber for handling comfort, added insulation protection and wire strain relief.
•
Probe test leads are designed with over-voltage spike protection of up to 6kV.
•
Probe body and banana plugs are molded directly to the wire for robust pull strength.
•
Wire is a high strand count silicone wire for extreme flexibility and high temperature resistance.
•
The retractable sheath is ideal for connecting to older test equipment without double insulated jacks.
•
Banana plug spring is nickel-plated beryllium copper for long insertion life.
•
Flexible test leads feature high strand count silcone wire for extreme flexibility and high temperature.
resistance. Banana plugs are double crimped to the wire and the plugs are molded directly to the wire for
added pull strength.
MATERIALS:
Probe Body: Outer Insulation - Santoprene® Rubber, Color: Gray
Inner Insulation – Polypropylene, Color: One Black, One Red, Tip: Nickel plated brass
Wire: 18 AWG, 65x36 Tinned Copper Stand, Silicone Insulation, Length: 48”122cm),O.D..144”(3,66mm)
Color: One Black, One Red
Retractable Sheath Banana Plug:
Plug Body: Brass, Nickel Plated
Banana Spring: Beryllium Copper, Nickel Plated
Compression Spring: Stainless Steel
Tip: Nylon, Color Matches Color of Wire
Insulation: Polypropylene Molded to the Plug and Wire. Color Matches Color of Wire.
RATINGS:
IEC 1010-2-031, Category III, P2 Compliant
Operating Voltage: 1000V, Current: 10 Amperes,
Operating Temperature: +55° C (+131° F) Max.
ORDERING INFORMATION: Model 6366


Similar Part No. - 6366

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6366 ALPHAWIRE-6366 Datasheet
409Kb / 4P
24 (7/32) AWG Tinned Copper
logo
List of Unclassifed Man...
6366-45 ETC2-6366-45 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6366-47 ETC2-6366-47 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6366-49 ETC2-6366-49 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6366-50 ETC2-6366-50 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6366

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5343 POMONA-5343 Datasheet
61Kb / 1P
Retractable Sheath Banana To BNC Male
5950A POMONA-5950A Datasheet
39Kb / 1P
Test Probe Set Replaceable Tip
5951A POMONA-5951A Datasheet
38Kb / 1P
Test Probe Set Replaceable Tip
5952A POMONA-5952A Datasheet
38Kb / 1P
Adjustable Tip Test Probe Set
5953A POMONA-5953A Datasheet
38Kb / 1P
Adjustable Tip Test Probe Set
6358 POMONA-6358 Datasheet
48Kb / 1P
Test Lead, Straight DMM Plug To Retractable Plug
6469 POMONA-6469 Datasheet
38Kb / 1P
SMD Microtip Test Probe Set
6470 POMONA-6470 Datasheet
39Kb / 1P
SMD Microtip Test Probe Set
6472 POMONA-6472 Datasheet
38Kb / 1P
SMD Microtip Test Probe Set
6477 POMONA-6477 Datasheet
42Kb / 1P
Replaceable Tip Test Probe Set
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com