Electronic Components Datasheet Search
  English  ▼

X  

6442 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6442
Description  13mm Tip Reach, SMD Micro Grabber Test Clip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6442 Datasheet(HTML) 1 Page - Pomona Electronics

  6442 Datasheet HTML 1Page - Pomona Electronics 6442 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 6442
13mm Tip Reach, SMD Micro
Grabber Test Clip
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1094869
Page 1 of 2
FEATURES:
Use with PQFP, SOIC, TSOP & SSOP packages with
0.3 lead pitch or greater.
13mm long tip allows measurement at IC leads that
are not easily accessible.
Maximum frequency is 100 MHz.
MATERIALS:
Leads: Stainless-Steel Wire
Tip Tubing: Teflon™ Coated Nickel Plated Copper
Body: ABS
Flying Lead Connection: Gold Plated Copper
RATINGS:
Operating Voltage: Hands free usage in controlled voltage
environments: 70 Vrms maximum. For
CE compliance: not intended for hand-held
use at voltages above 33 Vrms/70 Vdc.
ORDERING INFORMATION:
Model 6442 (Kit contains ten test clips and ten flying
leads)


Similar Part No. - 6442

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
6442 CRYDOM-6442 Datasheet
53Kb / 2P
AC Output Buffered Modules
logo
Molex Electronics Ltd.
6442 MOLEX-6442 Datasheet
806Kb / 2P
KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
6442 MOLEX-6442 Datasheet
64Kb / 1P
KK® Interconnect System - Molex
10/04/2018
6442 MOLEX-6442 Datasheet
115Kb / 4P
PCB Headers and Receptacles
Mar 06, 2025
6442-02-Z MOLEX3-6442-02-Z Datasheet
424Kb / 4P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing - Use With Trifurcon짰 Terminals, 2 Circuits
More results

Similar Description - 6442

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5301 POMONA-5301 Datasheet
54Kb / 1P
SMD Grabber Test Clip Patch Cord
5302 POMONA-5302 Datasheet
24Kb / 1P
SMD Grabber Test Clip To Stacking Banana Plug
5360 POMONA-5360 Datasheet
34Kb / 1P
SMD Grabber Test Clip
6351 POMONA-6351 Datasheet
361Kb / 2P
8mm Tip Reach, SMD Micro Grabber Test Clip
6352 POMONA-6352 Datasheet
481Kb / 2P
13mm Tip Reach, SMD Micro Grabber Test Clip
6353 POMONA-6353 Datasheet
367Kb / 2P
2mm Tip Reach, SMD Micro Grabber Test Clip
6490 POMONA-6490 Datasheet
115Kb / 2P
20mm Tip Reach, SMD Grabber Test Clip
72904 POMONA-72904 Datasheet
134Kb / 1P
Clip lead for Micro SMD Grabber
72905 POMONA-72905 Datasheet
134Kb / 1P
Clip lead for Micro SMD Grabber
72929 POMONA-72929 Datasheet
86Kb / 1P
Mini SMD Grabber Test Clip Lead with 4mm Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com