Electronic Components Datasheet Search
  English  ▼

X  

6507 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6507
Description  Standard Weco Cable Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6507 Datasheet(HTML) 1 Page - Pomona Electronics

  6507 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
5/9/01 SY/EH/LS
PomonaACCESS 90963 (800) 444-6785 or (909) 469-2991
Last saved by JS
More drawings available at www.pomonaelectronics.com
S:\Engineering\Release\DataSheet \Market_01\D6507_1_01.DOC
Page 1 of 1
Model 6507
Standard Weco Cable
Assembly
Sales: 909-469-2900 Fax: 909-629-3317
Technical Assistance: 800-241-2060
FEATURES:
• Test, monitor, patch and cross connect DSX-3 and broadcast circuits
• Connectors feature WE090 compatible interface
MATERIALS:
Connectors: Body: Brass, nickel plated
Center Contact: Brass, gold plated
Insulation: PTFE
Cable: RG59 type
ORDERING INFORMATION: Model 6507-96
Standard Length: 96” (243 cm)


Similar Part No. - 6507

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
65071R DIALIGHT-65071R Datasheet
80Kb / 1P
2' x 6' Oval LED Stop/Tail/Turn Lamps
logo
TE Connectivity Ltd
650784-000 TEC-650784-000 Datasheet
128Kb / 12P
PRINTING RIBBONS AND INKS TECHNICAL DATASHEET
logo
Microsemi Corporation
6507A MICROSEMI-6507A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
More results

Similar Description - 6507

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6502 POMONA-6502 Datasheet
38Kb / 1P
Miniature Weco Cable Assembly
6515 POMONA-6515 Datasheet
39Kb / 1P
Miniature Weco to BNC (M) Cable
6516 POMONA-6516 Datasheet
28Kb / 1P
Standard Weco to BNC (M) Cable
6519 POMONA-6519 Datasheet
35Kb / 1P
BNC To Miniature Weco Adapter
logo
Switchcraft, Inc.
VMPBNCF SWITCH-VMPBNCF Datasheet
52Kb / 2P
ADAPTER BNC TO MINI WECO
logo
Amphenol Corporation
7015-0718 AMPHENOL-7015-0718 Datasheet
61Kb / 1P
2.92mm JACK TO 2.92mm JACK STANDARD FLEXTRA CABLE ASSEMBLY
7015-0717 AMPHENOL-7015-0717 Datasheet
60Kb / 1P
2.92mm JACK TO 2.92mm JACK STANDARD FLEXTRA CABLE ASSEMBLY
logo
Molex Electronics Ltd.
2162901062 MOLEX-2162901062 Datasheet
43Kb / 1P
Standard .093 Female-to-Standard .093 Female Off-the-Shelf (OTS) Cable Assembly
2162901063 MOLEX-2162901063 Datasheet
43Kb / 1P
Standard .093 Female-to-Standard .093 Female Off-the-Shelf (OTS) Cable Assembly
2162921021 MOLEX-2162921021 Datasheet
39Kb / 1P
Standard .093 Male-to-Standard .093 Male Off-the-Shelf (OTS) Cable Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com