Electronic Components Datasheet Search
  English  ▼

X  

LTC2499 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2499
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2499 Datasheet HTML 19Page - Linear Technology LTC2499 Datasheet HTML 20Page - Linear Technology LTC2499 Datasheet HTML 21Page - Linear Technology LTC2499 Datasheet HTML 22Page - Linear Technology LTC2499 Datasheet HTML 23Page - Linear Technology LTC2499 Datasheet HTML 24Page - Linear Technology LTC2499 Datasheet HTML 25Page - Linear Technology LTC2499 Datasheet HTML 26Page - Linear Technology LTC2499 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTC2499
23
2499fc
Figure 11. Equivalent Analog Input Circuit
32 bits are read out of the device or after a Stop command.
The following conversion will be performed using the
newly programmed data. In cases where the same speed
(1x/2x mode) and rejection frequency (50Hz, 60Hz, 50Hz
and 60Hz) is used but the channel is changed, a Stop or
Repeated Start may be issued after the first byte (channel
selection data) is written into the device.
Discarding a Conversion Result and Initiating a New
Conversion with Optional Write
At the conclusion of a conversion cycle, a write cycle
can be initiated. Once the write cycle is acknowledged, a
Stop command will start a new conversion. If a new input
channel or conversion configuration is required, this data
can be written into the device and a Stop command will
initiate the next conversion (see Figure 9).
Figure 10. Synchronize Multiple LTC2499s with a Global Address Call
Synchronizing Multiple LTC2499s with a Global
Address Call
In applications where several LTC2499s (or other I2C
delta-sigma ADCs from Linear Technology Corporation)
are used on the same I2C bus, all converters can be syn-
chronized through the use of a global address call. Prior
to issuing the global address call, all converters must have
completed a conversion cycle. The master then issues a
Start, followed by the global address 1110111, and a write
request. All converters will be selected and acknowledge
the request. The master then sends a write byte (optional)
followed by the Stop command. This will update the chan-
nel selection (optional) converter configuration (optional)
and simultaneously initiate a start of conversion for all
delta-sigma ADCs on the bus (see Figure 10). In order
APPLICATIONS INFORMATION
IN+
IN–
10kΩ
INTERNAL
SWITCH
NETWORK
10kΩ
CEQ
12μF
10kΩ
IIN
–
REF+
IREF
+
IIN
+
IREF
–
2499 F11
SWITCHING FREQUENCY
fSW = 123kHz INTERNAL OSCILLATOR
fSW = 0.4 • fEOSC EXTERNAL OSCILLATOR
REF–
10kΩ
100Ω
INPUT
MULTIPLEXER
EXTERNAL
CONNECTION
100Ω
MUXOUTP
ADCINP
EXTERNAL
CONNECTION
MUXOUTN
ADCINN
IIN+
()
AVG
= IIN–
()
AVG
=
VIN(CM) VREF(CM)
0.5
•R
EQ
IREF+
()
AVG
1.5VREF + VREF(CM) –VIN(CM)
()
0.5 • REQ
–
VIN
2
VREF •REQ
where:
VREF = REF
+ REF
VREF(CM) =
REF+ –REF
2
VIN =IN
+ IN ,WHEREIN+ ANDIN ARE THE SELECTEDINPUT CHANNELS
VIN(CM) =
IN+ –IN
2
REQ = 2.71M INTERNAL OSCILLATOR 60Hz MODE
REQ = 2.98M INTERNAL OSCILLATOR 50Hz/60Hz MODE
REQ = 0.833•10
12
()/f
EOSC EXTERNAL OSCILLATOR
GLOBAL ADDRESS
SCL
SDA
LTC2499
LTC2499
LTC2499
…
ALL LTC2499s IN SLEEP
CONVERSION OF ALL LTC2499s
DATA INPUT
S
W ACK
WRITE (OPTIONAL)
P
2499 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com