Electronic Components Datasheet Search
  English  ▼

X  

6721 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 6721
Description  Multi-Stacking Sheath Banana Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6721 Datasheet(HTML) 1 Page - Pomona Electronics

  6721 Datasheet HTML 1Page - Pomona Electronics 6721 Datasheet HTML 2Page - Pomona Electronics 6721 Datasheet HTML 3Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
Model 6721
Do-It Yourself Multi-Stacking
Sheath Banana Plug
Sales: 800-490-2361 Fax: 888-403-3360 Technical Assistance: 800-241-2060
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 001
D1099690
Page 1 of
Features:
Can be vertically stacked on top of each other
Fits standard banana safety-style jacks
Fits DMM with safety-style banana jacks
Simple assembly
Complies to International Safety Standard IEC 1010-2-031
Accepts 18 AWG test lead wire (e.g. Pomona model: 6733 or 6734)
Materials:
Banana Jack:
Nickel Plated Brass
Banana Plug:
Nickel Plated Beryllium Copper
Insulation:
Lucel
Ratings:
Voltage / Current:
* 1000 Vrms, CAT III, 20 A, IEC 1010-2-031
Temperature:
-10 to +55 C
Ordering Information:
6721-0
Black, Do-It-Yourself Stacking Sheath Banana Plug
6721-2
Red, Do-It-Yourself Stacking Sheath Banana Plug
* When plug is correctly assembled and terminated.


Similar Part No. - 6721

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6721-RC BOURNS-6721-RC Datasheet
94Kb / 1P
High Current Toroid Inductors (with header)
logo
Mill-Max Mfg. Corp.
67217013002020 MILL-MAX-67217013002020 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
67217013027020 MILL-MAX-67217013027020 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
67217153027020 MILL-MAX-67217153027020 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
More results

Similar Description - 6721

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2BC-BNC POMONA-2BC-BNC Datasheet
26Kb / 1P
BNC Male To Multi-Stacking Double Banana Plug
3014 POMONA-3014 Datasheet
26Kb / 1P
Stacking Banana Plug To Miniature Stacking Banana Plug
4911A POMONA-4911A Datasheet
329Kb / 2P
Retractable Sheath Banana Plug Patch Cord
5325A POMONA-5325A Datasheet
28Kb / 2P
DMM Test Probe To Multi-Stacking Banana Plug Kit
6727 POMONA-6727 Datasheet
143Kb / 2P
Patch Cable, Multi-Stacking Sheath Banana Plug
6728 POMONA-6728 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
6729 POMONA-6729 Datasheet
142Kb / 3P
Sheath Banana Plug
logo
Pasternack Enterprises,...
PE9930-18-R PASTERNACK-PE9930-18-R Datasheet
148Kb / 1P
SINGLE WIRE PATCH CORD STACKING BANANA PLUG TO STACKING BANANA PLUG
PE9930-12-B PASTERNACK-PE9930-12-B Datasheet
148Kb / 1P
SINGLE WIRE PATCH CORD STACKING BANANA PLUG TO STACKING BANANA PLUG
logo
3M Electronics
6728-0 3M-6728-0 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
Rev 001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com