Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM2881
Description  Complete Isolated RS485/RS422 關Module Transceiver Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2881 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM2881 Datasheet HTML 10Page - Linear Technology LTM2881 Datasheet HTML 11Page - Linear Technology LTM2881 Datasheet HTML 12Page - Linear Technology LTM2881 Datasheet HTML 13Page - Linear Technology LTM2881 Datasheet HTML 14Page - Linear Technology LTM2881 Datasheet HTML 15Page - Linear Technology LTM2881 Datasheet HTML 16Page - Linear Technology LTM2881 Datasheet HTML 17Page - Linear Technology LTM2881 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM2881
14
2881f
Figure 10. Equivalent Input Resistance into A and B
60Ω
60Ω
A
TE
B
2881 F10
>96k
>96k
APPLICATIONS INFORMATION
Receiver Input Resistance
The receiver input resistance from A or B to GND2 is greater
than 96k permitting up to a total of 256 receivers per system
without exceeding the RS485 receiver loading specification.
The input resistance of the receiver is unaffected by
enabling/disabling the receiver or by powering/unpowering
the part. The equivalent input resistance looking into A and
B is shown in Figure 10.
Figure 13. Termination Magnitude and Phase vs Frequency
Figure 12. Termination Resistance vs Common Mode Voltage
Figure 11. Curve Trace Between A and B with Termination
Enabled and Disabled
Switchable Termination
Proper cable termination is very important for
signal fidelity. If the cable is not terminated with its
characteristic impedance, reflections will distort the
signal waveforms.
The integrated switchable termination resistor provides
logic control of the line termination for optimal perfor-
mance when configuring transceiver networks.
When the TE pin is high, the termination resistor is
enabled and the differential resistance from A to B is
120Ω. Figure 11 shows the I/V characteristics between
pins A and B with the termination resistor enabled and
disabled. The resistance is maintained over the entire
RS485 common mode range of –7V to 12V as shown in
Figure 12. The integrated termination resistor has a high
frequency response which does not limit performance at
the maximum specified data rate. Figure 13 shows the
magnitude and phase of the termination impedance versus
frequency. The termination resistor cannot be enabled by
TE if the device is unpowered, ON is low or the LTM2881
is in thermal shutdown.
2881 F11
COMMON MODE VOLTAGE (V)
130
128
126
124
122
120
118
116
114
112
110
2881 G11
15
10
5
–5
0
–10
FREQUENCY (MHz)
150
140
130
120
110
100
10
0
–10
–20
–30
–40
2881 F13
10
1
0.1
PHASE
MAGNITUDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com