Electronic Components Datasheet Search
  English  ▼

X  

LT2940 Datasheet(PDF) 9 Page - Linear Technology

Part # LT2940
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT2940 Datasheet HTML 5Page - Linear Technology LT2940 Datasheet HTML 6Page - Linear Technology LT2940 Datasheet HTML 7Page - Linear Technology LT2940 Datasheet HTML 8Page - Linear Technology LT2940 Datasheet HTML 9Page - Linear Technology LT2940 Datasheet HTML 10Page - Linear Technology LT2940 Datasheet HTML 11Page - Linear Technology LT2940 Datasheet HTML 12Page - Linear Technology LT2940 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT2940
9
2940f
FUNCTIONAL BLOCK DIAGRAM
TEST CIRCUITS
5
8
7
4
1
2
V+
I+
V –
1.24V
UVLC
LATCHLO
LATCHHI
IMON
11
I–
10
PMON
CMPOUT
CMPOUT
2940 BD
12
6
VCC
GND
VCC
3
CMP+
9
LATCH
+
–
BGAP REF
AND UVLC
DQ
CLR
LE
4-QUADRANT
MULTIPLIER
THREE-STATE
DECODE
KPMON = 500
μA
V2
GIMON = 1000
μA
V
+
–
+
–
PMON
OR
IMON
2940 TC02
2V
VOUT
12V
Q1
2N2369
RC
499Ω
RFB
4.99k
PMON
OR
IMON
2940 TC01
2V
VOUT
RL
Resistor on DC Bias
I-to-V Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com