Electronic Components Datasheet Search
  English  ▼

X  

LT2940CDDPBF Datasheet(PDF) 20 Page - Linear Technology

Part # LT2940CDDPBF
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940CDDPBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LT2940CDDPBF Datasheet HTML 16Page - Linear Technology LT2940CDDPBF Datasheet HTML 17Page - Linear Technology LT2940CDDPBF Datasheet HTML 18Page - Linear Technology LT2940CDDPBF Datasheet HTML 19Page - Linear Technology LT2940CDDPBF Datasheet HTML 20Page - Linear Technology LT2940CDDPBF Datasheet HTML 21Page - Linear Technology LT2940CDDPBF Datasheet HTML 22Page - Linear Technology LT2940CDDPBF Datasheet HTML 23Page - Linear Technology LT2940CDDPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT2940
20
2940f
TYPICAL APPLICATIONS
28V Power to Frequency Converter
Secondary-Side AC Circuit Breaker
CMP+
PMON
IMON
CMPOUT
CMPOUT
LATCH
IN+
IN–
HYST
REF
V–
V+
I–
I+
VCC
2940 TA10
R1A
30k
R1B
30k
R2
120k
Q3
D4
D3
LOAD
OPTO-ISOLATOR
28V INPUT
10V TO 40V
RS
LT2940
GND
200mΩ
C4
2.2nF
R4B
10k
D2
R4A
240k
C7
10nF
D1
10V
CENTRAL SEMI
CCLM2700
kV =
kI = 200mΩ
PMAX = 10W
fOUT =
10W
1000Hz
1
5
= 1N4148
= 2N7000
R5, 100k
Q2
VCC
R6, 100k
VCC
+
–
C5
1μF
WIMA
V–
GND
V+
OUT
Q1
C6
100nF
VCC
R9
1M
LTC1440
CMP+
IMON
PMON
CMPOUT
CMPOUT
LATCH
V–
V+
I–
I+
VCC
2940 TA11
RS
LT2940
GND
200mΩ
3
D3
5.1V
12.6VAC
SECONDARY
kV =
=
kI = 200mΩ
3
1
5
30
150
T1
D1
1N4001
R12
10k
R11
10k
D2
1N4001
10W/ V
30WPK
1A/V
3APK
1.25A
TRIP
C1B
220μF
25V
+
C1A
220μF
25V
+
R0
10Ω
RESISTIVE
LOAD
R10
1k
R6
1k
R7
1k
R3
15k
R4
15k
Q3
Q1
Q2
Q6
Q7
Q4
Q5
VCC
R2
120k
2X
FDS3732
R9
10k
R1
30k
Q8
= 2N3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com