Electronic Components Datasheet Search
  English  ▼

X  

LT2940CDD Datasheet(PDF) 4 Page - Linear Technology

Part # LT2940CDD
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940CDD Datasheet(HTML) 4 Page - Linear Technology

  LT2940CDD Datasheet HTML 1Page - Linear Technology LT2940CDD Datasheet HTML 2Page - Linear Technology LT2940CDD Datasheet HTML 3Page - Linear Technology LT2940CDD Datasheet HTML 4Page - Linear Technology LT2940CDD Datasheet HTML 5Page - Linear Technology LT2940CDD Datasheet HTML 6Page - Linear Technology LT2940CDD Datasheet HTML 7Page - Linear Technology LT2940CDD Datasheet HTML 8Page - Linear Technology LT2940CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT2940
4
2940f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPMON
Power Monitor Output Compliance Voltage
VCC ≤ 12V, IPMON ≥ 0μA
l
0VCC – 4.5
V
12V < VCC < 30V, IPMON ≥ 0μA
l
0
7.5
V
VCC ≥ 30V, IPMON ≥ 0μA
l
012
V
VCC ≤ 12V, IPMON < 0μA
l
0.5
VCC – 4.5
V
12V < VCC < 30V, IPMON < 0μA
l
0.5
7.5
V
VCC ≥ 30V, IPMON < 0μA
l
0.5
12
V
EPMON
Power Monitor Output Total Error (Note 4)
|VV • VI| ≤ 0.4V2
±2
±5
%FS
|VV • VI| ≤ 0.4V2, 25°C < TA ≤ 85°C
±2.5
±7
%FS
|VV • VI| ≤ 0.4V2, LT2940C
l
±2.5
±9
%FS
|VV • VI| ≤ 0.4V2, LT2940I
l
±3.5
±12
%FS
Quadrants I and III of Shaded Region
in Figure 4
l
±5
±15
%FS
KPMON
Power Monitor Scaling Coefficient
IPMON = KPMON • VV • VI
|VV • VI| = 0.4V2
l
485
500
515
μA /V2
VV(OSP)
Power Monitor Voltage Sense Input-Referred
Offset Voltage
VV = 0V
l
±40
±100
mV
VI(OSP)
Power Monitor Current Sense Input-Referred
Offset Voltage
VI = 0mV
l
±2
±6
mV
IPMON(OS)
Power Monitor Output Offset Current
VV– = 0V, VI = 0mV
l
±6
±15
μA
BWPMON
Power Monitor Output Bandwidth
RPMON = 2k
0.5
MHz
Current Monitor (Note 2)
IIMON(FS)
Current Monitor Output Current Operating
Range
l
±200
μA
VIMON
Current Monitor Output Compliance Voltage
VCC ≤ 12V, IIMON ≥ 0μA
l
0VCC – 4.5
V
12V < VCC < 30V, IIMON ≥ 0μA
l
0
7.5
V
VCC ≥ 30V, IIMON ≥ 0μA
l
012
V
VCC ≤ 12V, IIMON < 0μA
l
0.5
VCC – 4.5
V
12V < VCC < 30V, IPMON < 0μA
l
0.5
7.5
V
VCC ≥ 30V, IPMON < 0μA
l
0.5
12
V
EIMON
Current Monitor Output Total Error (Note 4)
|VI| ≤ 200mV, 25°C ≤ TA ≤ 85°C
±1.5
±3
%FS
|VI| ≤ 200mV, LT2940C
l
±2
±3.5
%FS
|VI| ≤ 200mV, LT2940I
l
±2
±4
%FS
200mV < |VI| ≤ 225mV
l
±2.5
±5
%FS
GIMON
Current Monitor Scaling, IIMON = GIMON • VI
VI = ±200mV
l
975
1000
1025
μA /V
VI(OSI)
Current Monitor Current Sense Input-Referred
Offset Voltage
l
±2.5
±7
mV
BWIMON
Current Monitor Output Bandwidth
RIMON = 2k
1
MHz
Comparator
VCMP(TH)
Comparator Threshold Voltage
CMP+ Rising
l
1.222
1.240
1.258
V
ΔVCMP(HYST)
Comparator Threshold Hysteresis
CMP+ Falling
l
–15
–35
–60
mV
ICMP(BIAS)
Comparator Input Bias Current
1V ≤ VCMP+ ≤ 1.5V
l
±100
±300
nA
ICMPOUT(OL)
CMPOUT Output Low Voltage
CMP+ High, ICMPOUT = 3mA
l
0.2
0.4
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. All specifications apply at 6V ≤ VCC ≤ 80V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com