Electronic Components Datasheet Search
  English  ▼

X  

LT3092 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3092
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3092 Datasheet HTML 14Page - Linear Technology LT3092 Datasheet HTML 15Page - Linear Technology LT3092 Datasheet HTML 16Page - Linear Technology LT3092 Datasheet HTML 17Page - Linear Technology LT3092 Datasheet HTML 18Page - Linear Technology LT3092 Datasheet HTML 19Page - Linear Technology LT3092 Datasheet HTML 20Page - Linear Technology LT3092 Datasheet HTML 21Page - Linear Technology LT3092 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LT3092
22
3092fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 1209 REV B • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LDO
LT1761
100mA, Low Noise LDO
300mV Dropout Voltage, Low Noise: 20μVRMS, VIN = 1.8V to 20V, ThinSOT™ Package
LT1762
150mA, Low Noise LDO
300mV Dropout Voltage, Low Noise: 20μVRMS, VIN = 1.8V to 20V, MS8 Package
LTC1844
150mA, Very Low Dropout LDO
80mV Dropout Voltage, Low Noise <30μVRMS, VIN = 1.6V to 6.5V, Stable with 1μF Output
Capacitors, ThinSOT Package
LT1962
300mA, Low Noise LDO
270mV Dropout Voltage, Low Noise: 20μVRMS, VIN = 1.8V to 20V, MS8 Package
LT1964
200mA, Low Noise, Negative LDO
340mV Dropout Voltage, Low Noise 30μVRMS, VIN = –1.8V to –20V, ThinSOT Package
LT3008
20mA, 45V, 3μA IQ Micropower LDO
280mV Dropout Voltage, Low IQ: 3μA, VIN = 2V to 45V, VOUT = 0.6V to 39.5V;
ThinSOT and 2mm
× 2mm DFN-6 Packages
LT3009
20mA, 20V, 3μA IQ Micropower LDO
280mV Dropout Voltage, Low IQ: 3μA, VIN = 1.6V to 20V, VOUT = 0.6V to 19.5V;
ThinSOT and SC70 Packages
LT3020
100mA, Low Voltage VLDO Linear
Regulator
VIN: 0.9V to 10V, VOUT: 0.2V to 5V (Min), VDO = 0.15V, IQ = 120μA, Noise: <250μVRMS,
Stable with 2.2μF Ceramic Capacitors, DFN-8, MS8 Packages
LTC3025
300mA Micropower VLDO Linear
Regulator
VIN = 0.9V to 5.5V, Dropout Voltage: 45mV, Low Noise 80μVRMS, Low IQ: 54μA, 6-Lead
2mm
× 2mm DFN Package
LTC3035
300mA VLDO Linear Regulator with
Charge Pump Bias Generator
VIN = 1.7V to 5.5V, VOUT: 0.4V to 3.6V, Dropout Voltage: 45mV, IQ: 100μA, 3mm × 2mm DFN-8
LT3080/
LT3080-1
1.1A, Parallelable, Low Noise,
Low Dropout Linear Regulator
300mV Dropout Voltage (2-Supply Operation), Low Noise: 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable
(No Op Amp Required), Stable with Ceramic Caps, TO-220, SOT-223, MSOP-8 and
3mm
× 3mm DFN-8 Packages; LT3080-1 Version Has Integrated Internal Ballast Resistor
LT3085
500mA, Parallelable, Low Noise, Low
Dropout Linear Regulator
275mV Dropout Voltage (2-Supply Operation), Low Noise: 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-based Reference with 1-Resistor VOUT Set; Directly Parallelable
(No Op Amp Required), Stable with Ceramic Caps, MSOP-8 and 2mm
× 3mm DFN-6 Packages
Current Sense Amplifiers
LT6106
Low Cost, 36V High Side Current
Sense Amplifier
36V (44V Max) Current Sense, Dynamic Range of 2000:1, 106dB of PSRR
LT6107
High Temperature High Side Current
Sense Amp in SOT-23
36V (44V Max) Current Sense, Dynamic Range of 2000:1, 106dB of PSRR, –55 to 150°C
(MP-Grade)
ThinSOT is a trademark of Linear Technology Corporation.
Current Limiter for Remote Power
3092 TA19
IN
SET
OUT
+
–
LT3092
10μA
4.99Ω
VOUT
VIN
100k
ADJUST LIMIT
LDO
TYPICAL APPLICATIONS
USB LED Driver
3092 TA18
IN
SET
OUT
+
–
LT3092
10μA
1Ω
200mA LED
USB
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com