Electronic Components Datasheet Search
  English  ▼

X  

LT3092EST Datasheet(PDF) 5 Page - Linear Technology

Part # LT3092EST
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092EST Datasheet(HTML) 5 Page - Linear Technology

  LT3092EST Datasheet HTML 1Page - Linear Technology LT3092EST Datasheet HTML 2Page - Linear Technology LT3092EST Datasheet HTML 3Page - Linear Technology LT3092EST Datasheet HTML 4Page - Linear Technology LT3092EST Datasheet HTML 5Page - Linear Technology LT3092EST Datasheet HTML 6Page - Linear Technology LT3092EST Datasheet HTML 7Page - Linear Technology LT3092EST Datasheet HTML 8Page - Linear Technology LT3092EST Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT3092
5
3092fb
TEMPERATURE (°C)
–50
0
200
300
400
600
0
50
75
3092 G08
100
500
–25
25
100 125 150
LOAD CURRENT (mA)
0
0
0.4
0.8
1.2
25
50
75
100
150
125
175
1.6
0.2
0.6
1.0
1.4
200
3092 G09
TJ = –55°C
TJ = 25°C
TJ = 125°C
TEMPERATURE (°C)
–50
0
0.4
0.6
0.8
1.4
1.2
0
50
75
3092 G10
0.2
1.0
–25
25
100 125 150
ILOAD = 100mA
ILOAD = 200mA
INPUT-TO-OUTPUT DIFFERENTIAL VOLTAGE (V)
0
0
100
200
300
2
4
68
10
400
50
150
250
350
3092 G11
TJ = 25°C
TEMPERATURE (°C)
–50
0
50
150
200
250
500
350
0
50
75
3092 G12
100
400
450
300
–25
25
100 125 150
VIN = 7V
VOUT = 0V
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit
Line Transient Response
Line Transient Response
Dropout Voltage
Dropout Voltage
Current Limit
Minimum Output Current
TIME (μs)
0
3092 G13
0
8
20
40
60
4
6
–1.0
0
–0.5
0.5
1.0
1.5
2
10
30
80
100
50
70
90
1mA CURRENT SOURCE
CONFIGURATION
TIME (μs)
10
3092 G14
0
8
20
40
60
4
6
–10
0
–5
5
10
2
10
30
80
100
50
70
90
10mA CURRENT SOURCE
CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com