Electronic Components Datasheet Search
  English  ▼

X  

MAX4372F Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4372F
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4372F Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4372F Datasheet HTML 3Page - Maxim Integrated Products MAX4372F Datasheet HTML 4Page - Maxim Integrated Products MAX4372F Datasheet HTML 5Page - Maxim Integrated Products MAX4372F Datasheet HTML 6Page - Maxim Integrated Products MAX4372F Datasheet HTML 7Page - Maxim Integrated Products MAX4372F Datasheet HTML 8Page - Maxim Integrated Products MAX4372F Datasheet HTML 9Page - Maxim Integrated Products MAX4372F Datasheet HTML 10Page - Maxim Integrated Products MAX4372F Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
8
_______________________________________________________________________________________
RS-
N.C.
OUT
1
2
8
7
RS+
N.C.
N.C.
GND
VCC
SO
3
4
6
5
MAX4372T/F/H
Chip Information
TRANSISTOR COUNT: 225
PROCESS: BiCMOS
PART
MAX4372FEUK-T -40°C to +85°C
TEMP RANGE PIN-PACKAGE
5 SOT23-5
TOP
MARK
ADIV
MAX4372FESA
MAX4372HEUK-T
MAX4372HESA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C 8 SO
5 SOT23-5
8 SO
MAX4372FEBT-T
-40°C to +85°C 3 x 2 UCSP
—
ADIW
—
ACY
MAX4372HEBT-T
-40°C to +85°C 3 x 2 UCSP
ACZ
Pin Configurations (continued)
Ordering Information (continued)
G
1
1
21-0097
PACKAGE OUTLINE, 3x2 UCSP
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in the
package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the
package regardless of RoHS status.
Note: MAX4372_EBT uses package code B6-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com