Electronic Components Datasheet Search
  English  ▼

X  

LTC3108 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3108
Description  Ultralow Voltage Step-Up Converter and Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3108 Datasheet HTML 10Page - Linear Technology LTC3108 Datasheet HTML 11Page - Linear Technology LTC3108 Datasheet HTML 12Page - Linear Technology LTC3108 Datasheet HTML 13Page - Linear Technology LTC3108 Datasheet HTML 14Page - Linear Technology LTC3108 Datasheet HTML 15Page - Linear Technology LTC3108 Datasheet HTML 16Page - Linear Technology LTC3108 Datasheet HTML 17Page - Linear Technology LTC3108 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3108
14
3108p
To minimize losses and capacitor charge time, all capaci-
tors used for VOUT and VSTORE should be low leakage.
See Table 5 for recommended storage capacitors.
Table 5. Recommended Storage Capacitors
VENDOR
PART NUMBER/SERIES
AVX
www.avx.com
BestCap Series
TAJ and TPS Series Tantalum
Cap-XX
www.cap-xx.com
GZ Series
Cooper/Bussman
www.bussmann.com/3/PowerStor.html
KR Series
P Series
Vishay/Sprague
www.vishay.com/capacitors
Tantamount 592D
595D Tantalum
150CRZ/153CRV Aluminum
013 RLC (Low Leakage)
Storage capacitors requiring voltage balancing are not
recommended due to the current draw of the balancing
resistors.
PCB Layout Guidelines
Due to the rather low switching frequency of the resonant
converter and the low power levels involved, PCB layout
is not as critical as with many other DC/DC converters.
There are, however, a number of things to consider.
Due to the very low input voltage the circuit may operate
from, the connections to VIN, the primary of the trans-
former and the SW and GND pins of the LTC3108 should
be designed to minimize voltage drop from stray resistance
and able to carry currents as high as 500mA. Any small
voltage drop in the primary winding conduction path will
lower efficiency and increase capacitor charge time.
Also, due to the low charge currents available at the out-
puts of the LTC3108, any sources of leakage current on
the output voltage pins must be minimized. An example
board layout is shown in Figure 3.
Design Example 1
This design example will explain how to calculate the
necessary storage capacitor value for VOUT in pulsed load
applications, such as a wireless sensor/transmitter. In these
types of applications, the load is very small for a major-
ity of the time (while the circuitry is in a low power sleep
state), with bursts of load current occurring periodically
during a transmit burst. The storage capacitor on VOUT
supports the load during the transmit burst, and the long
sleep time between bursts allows the LTC3108 to recharge
APPLICATIONS INFORMATION
Figure 3. Example Component Placement for Two-Layer PC Board (DFN Package)
3108 FO3
VOUT2
VOUT
VIN
VIAS TO GROUND PLANE
VLDO
PGOOD
GND
12
11
8
9
10
4
5
3
2
1
VOUT2_EN
VS1
VS2
SW
C2
C1
VOUT
VOUT2
VLDO
PGD
VAUX
VSTORE
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com